Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M36W108 Datasheet(PDF) 33 Page - STMicroelectronics

Part # M36W108
Description  8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36W108 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M36W108 Datasheet HTML 27Page - STMicroelectronics M36W108 Datasheet HTML 28Page - STMicroelectronics M36W108 Datasheet HTML 29Page - STMicroelectronics M36W108 Datasheet HTML 30Page - STMicroelectronics M36W108 Datasheet HTML 31Page - STMicroelectronics M36W108 Datasheet HTML 32Page - STMicroelectronics M36W108 Datasheet HTML 33Page - STMicroelectronics M36W108 Datasheet HTML 34Page - STMicroelectronics M36W108 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
33/35
M36W108T, M36W108B
Table 25. LBGA48 - 6 x 8 balls, 1.0 mm pitch, Package Mechanical Data
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
1.250
1.150
1.350
0.049
0.045
0.053
A1
0.300
0.250
0.350
0.012
0.010
0.014
A2
0.950
–
–
0.037
–
–
b
0.400
0.350
0.450
0.016
0.014
0.018
ddd
0.150
0.006
D
10.000
9.800
10.200
0.394
0.386
0.402
D1
5.000
–
–
0.197
–
–
e
1.000
–
–
0.039
–
–
E
12.000
11.800
12.200
0.472
0.465
0.480
E1
7.000
–
–
0.276
–
–
SD
0.500
–
–
0.020
–
–
SE
0.500
–
–
0.020
–
–
Figure 23. LBGA48 - 6 x 8 balls, 1.0 mm pitch, Package Outline
Drawing is not to scale.
E1
E
D1
D
eb
SD
SE
A2
A1
A
BGA-Z01
ddd
BALL "A1"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com