Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMNH10H021SPSW Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMNH10H021SPSW
Description  100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI5060-8
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH10H021SPSW Datasheet(HTML) 2 Page - Diodes Incorporated

  DMNH10H021SPSW Datasheet HTML 1Page - Diodes Incorporated DMNH10H021SPSW Datasheet HTML 2Page - Diodes Incorporated DMNH10H021SPSW Datasheet HTML 3Page - Diodes Incorporated DMNH10H021SPSW Datasheet HTML 4Page - Diodes Incorporated DMNH10H021SPSW Datasheet HTML 5Page - Diodes Incorporated DMNH10H021SPSW Datasheet HTML 6Page - Diodes Incorporated DMNH10H021SPSW Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMNH10H021SPSW
Document number: DS42852 Rev. 2 - 2
2 of 7
www.diodes.com
January 2021
© Diodes Incorporated
DMNH10H021SPSW
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 7) VGS = 10V
Steady
State
TC = +25°C
TC = +100°C
ID
58
41
A
Pulsed Drain Current (10
μs Pulse, Duty Cycle = 1%)
IDM
232
A
Maximum Continuous Body Diode Forward Current (Note 7)
IS
58
A
Pulsed Source Current (10µs Pulse, Duty Cycle = 1%)
ISM
232
A
Avalanche Current, L = 0.1mH
IAS
56
A
Avalanche Energy, L = 0.1mH
EAS
157
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
1.8
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RJA
80
°C/W
Total Power Dissipation (Note 6)
PD
4.4
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RJA
34
°C/W
Thermal Resistance, Junction to Case (Note 7)
RJC
1.05
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
100
—
—
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS
—
—
1.0
µA
VDS = 100V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(TH)
2.0
—
4.0
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
—
16
28
m
Ω
VGS = 10V, ID = 20A
Diode Forward Voltage
VSD
—
0.7
1.2
V
VGS = 0V, IS = 1.0A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
—
3789
—
pF
VDS = 50V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
—
223
—
Reverse Transfer Capacitance
Crss
—
91
—
Gate Resistance
RG
—
0.95
—
Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge
Qg
—
71
—
nC
VGS = 10V, VDD = 50V, ID = 3.3A
Gate-Source Charge
Qgs
—
13
—
Gate-Drain Charge
Qgd
—
18
—
Turn-On Delay Time
tD(ON)
—
17
—
ns
VGS = 10V, VDS = 50V,
RG = 6.0Ω, ID = 3.3A
Turn-On Rise Time
tR
—
10
—
Turn-Off Delay Time
tD(OFF)
—
65
—
Turn-Off Fall Time
tF
—
24
—
Reverse Recovery Time
tRR
—
46
—
ns
IF = 3.3A, di/dt = 100A/µs
Reverse Recovery Charge
QRR
—
73
—
nC
IF = 3.3A, di/dt = 100A/µs
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. Thermal resistance from junction to soldering point (on the exposed drain pad).
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com