Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMNH10H021SPSW Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMNH10H021SPSW
Description  100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI5060-8
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH10H021SPSW Datasheet(HTML) 3 Page - Diodes Incorporated

  DMNH10H021SPSW Datasheet HTML 1Page - Diodes Incorporated DMNH10H021SPSW Datasheet HTML 2Page - Diodes Incorporated DMNH10H021SPSW Datasheet HTML 3Page - Diodes Incorporated DMNH10H021SPSW Datasheet HTML 4Page - Diodes Incorporated DMNH10H021SPSW Datasheet HTML 5Page - Diodes Incorporated DMNH10H021SPSW Datasheet HTML 6Page - Diodes Incorporated DMNH10H021SPSW Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMNH10H021SPSW
Document number: DS42852 Rev. 2 - 2
3 of 7
www.diodes.com
January 2021
© Diodes Incorporated
DMNH10H021SPSW
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 1. Typical Output Characteristic
0
5
10
15
20
25
30
1
2
3
4
5
6
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 2. Typical Transfer Characteristic
V
DS = 5V
0.014
0.016
0.018
0.02
0.022
0.024
0
5
10
15
20
25
30
I
D, DRAIN-SOURCE CURRENT (A)
Figure 3. Typical On-Resistance vs. Drain Current
and Gate Voltage
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
0
2
4
6
8
10
12
14
16
18
20
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 4. Typical Transfer Characteristic
0
0.01
0.02
0.03
0.04
0.05
0
5
10
15
20
25
30
I
D, DRAIN CURRENT (A)
Figure 5. Typical On-Resistance vs Drain Current
and Junction Temperature
V
GS = 10V
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
-50
-25
0
25
50
75
100 125 150 175
T
J, JUNCTION TEMPERATURE (℃)
Figure 6. On-Resistance Variation with Junction
Temperature
V
GS
= 5.0V
V
GS
= 3.5V
V
GS
= 3.8V
V
GS
= 4.0V
V
GS
= 4.5V
V
GS
= 10.0V
T
J
= -55oC
T
J
= 25oC
T
J
= 85oC
T
J
= 125oC
T
J
= 150oC
T
J
= 175oC
V
GS
= 10V
I
D
= 20A
T
J
= -55oC
T
J
= 25oC
T
J
= 85oC
T
J
= 125oC
T
J
= 125oC
T
J
= 175oC
V
GS
= 10V, ID = 20A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com