Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMNH10H021SPSW Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMNH10H021SPSW
Description  100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI5060-8
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH10H021SPSW Datasheet(HTML) 1 Page - Diodes Incorporated

  DMNH10H021SPSW Datasheet HTML 1Page - Diodes Incorporated DMNH10H021SPSW Datasheet HTML 2Page - Diodes Incorporated DMNH10H021SPSW Datasheet HTML 3Page - Diodes Incorporated DMNH10H021SPSW Datasheet HTML 4Page - Diodes Incorporated DMNH10H021SPSW Datasheet HTML 5Page - Diodes Incorporated DMNH10H021SPSW Datasheet HTML 6Page - Diodes Incorporated DMNH10H021SPSW Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMNH10H021SPSW
Document number: DS42852 Rev. 2 - 2
1 of 7
www.diodes.com
January 2021
© Diodes Incorporated
DMNH10H021SPSW
100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
PowerDI5060-8
Product Summary
BVDSS
RDS(ON)
ID
TC = +25°C
100V
28
mΩ @ VGS = 10V
58A
Description and Applications
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)) yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Power Management Functions
DC-DC Converters
Features and Benefits
Rated to +175°C
— Ideal for High Ambient Temperature
Environments
100% Unclamped Inductive Switch (UIS) Test in Production
Thermally Efficient Package-Cooler Running Applications
High Conversion Efficiency
Low RDS(ON) – Minimizes On State Losses
Low Input Capacitance
Fast Switching Speed
Wettable Flank for Improved Optical Inspections
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/200, PPAP capable, and
manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
Case: PowerDI®5060-8
Case Material:
Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Finish - Matte Tin Annealed over Copper Leadframe;
Solderable per MIL-STD-202, Method 208
Weight: 0.097 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMNH10H021SPSW-13
PowerDI5060-8 (SWP) (Type UX)
2,500 / Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant. All applicable RoHS exemptions applied.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Green
D
S
G
Bottom View
Top View
Pin Configuration
Top View
Internal Schematic
PowerDI5060-8 (SWP) (Type UX)
S
D
D
G
D
D
S
S
= Manufacturer
’s Marking
H1H21SS = Product Type Marking Code
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 21 = 2021)
WW = Week Code (01 to 53)
PowerDI is a registered trademark of Diodes Incorporated.
Pin1
S
D
S
S
G
D
D
D
YYWW
H1H21SS


Similar Part No. - DMNH10H021SPSW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMNH10H028SCT DIODES-DMNH10H028SCT Datasheet
401Kb / 7P
Low Input Capacitance
Rev 2
logo
Inchange Semiconductor ...
DMNH10H028SCT ISC-DMNH10H028SCT Datasheet
305Kb / 2P
isc N-Channel MOSFET Transistor
logo
Diodes Incorporated
DMNH10H028SK3 DIODES-DMNH10H028SK3 Datasheet
564Kb / 7P
100V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
Inchange Semiconductor ...
DMNH10H028SK3 ISC-DMNH10H028SK3 Datasheet
305Kb / 2P
isc N-Channel MOSFET Transistor
logo
Diodes Incorporated
DMNH10H028SK3-13 DIODES-DMNH10H028SK3-13 Datasheet
564Kb / 7P
100V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results

Similar Description - DMNH10H021SPSW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH6016LFDFWQ DIODES-DMTH6016LFDFWQ Datasheet
435Kb / 8P
60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
January 2021
DMTH45M5LPSW DIODES-DMTH45M5LPSW Datasheet
592Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 3 - 2 August 2022
DMTH45M5SPSW DIODES-DMTH45M5SPSW Datasheet
587Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 2 - 2 August 2022
DMNH45M7SCT DIODES-DMNH45M7SCT Datasheet
475Kb / 6P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
August 2018 Rev. 4 - 2
DMTH10H009LFG DIODES-DMTH10H009LFG Datasheet
399Kb / 7P
100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
December 2020 Rev. 3 - 2
DMTH10H015SPSQ DIODES-DMTH10H015SPSQ Datasheet
919Kb / 9P
100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
January 2023 Rev. 3 - 2
DMTH10H032LPSWQ DIODES-DMTH10H032LPSWQ Datasheet
908Kb / 8P
100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
January 2023 Rev. 3 - 2
DMTH10H4M6SPSWQ DIODES-DMTH10H4M6SPSWQ Datasheet
761Kb / 8P
100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
December 2022 Rev. 2 - 2
DMTH31M7LPSQ DIODES-DMTH31M7LPSQ Datasheet
374Kb / 8P
175°C N-CHANNEL ENHANCEMENT MODE MOSFET
June 2020 Rev. 2 - 2
DMTH8008SFGQ DIODES-DMTH8008SFGQ Datasheet
467Kb / 7P
80V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
June 2020 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com