Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF2001VBAR Datasheet(PDF) 7 Page - Texas Instruments

Part # TRF2001VBAR
Description  TRF2001 860MHz to 930MHz ISM Band Multiprotocol and Wi-SUN RF FEM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TRF2001VBAR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TRF2001VBAR Datasheet HTML 3Page - Texas Instruments TRF2001VBAR Datasheet HTML 4Page - Texas Instruments TRF2001VBAR Datasheet HTML 5Page - Texas Instruments TRF2001VBAR Datasheet HTML 6Page - Texas Instruments TRF2001VBAR Datasheet HTML 7Page - Texas Instruments TRF2001VBAR Datasheet HTML 8Page - Texas Instruments TRF2001VBAR Datasheet HTML 9Page - Texas Instruments TRF2001VBAR Datasheet HTML 10Page - Texas Instruments TRF2001VBAR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
5.5 Electrical Characteristics (continued)
at TA = 25°C, VCC_PA = 3.3V, VCC = 3.3V, f = 915MHz, shorted RX_FLT and LNA_IN pins, shorted TX_FLT and PA_IN pins,
RF transmit specifications from TR to ANT pin, RF receive specifications from ANT to TR pin, 50Ω source and load at input
and output RF pins, respectively; measured on EVM and de-embedded up to the device pins (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC SPECIFICATIONS
ICC_PA
VCC_PA supply current
TX mode
PO = 27dBm
351
mA
PO = 24dBm
260
No RF
60.7
RX mode, PIN = –27dBm
0.3
ICC
VCC supply current
TX mode
PO = 27dBm
35
mA
PO = 24dBm
22
No RF
7
RX mode, PIN = –27dBm
10
Powerdown supply current(2)
No RF
0.05
1
µA
DIGITAL CONTROL LOGIC SPECIFICATIONS
VIH
High voltage threshold
With respect to
GND
High (logic 1)
1.6
3.3
3.45
V
VIL
Low voltage threshold
Low (logic 0)
0
0.5
V
IIH
Pin-high input current
Pin voltage = 3.3V
1
µA
IIL
Pin-low input current
Pin voltage = 0V
1
µA
(1)
No external filter on ANT pin. Refer to Figure 5-4 for higher order harmonic performance.
(2)
Sum of currents into the VCC_PA and VCC pins.
5.6 Timing Requirements
MIN
NOM
MAX
UNIT
RF TRANSMIT
tON
Turn-on time: time for RF output power at ANT to reach 90% of final value from 50%
of CTR edge
1.4
µs
tOFF
Turn-off time: time for RF output power at ANT to reach 10% of final value from 50%
of CTR edge
0.1
µs
RF RECEIVE
tON
Turn-on time: time for RF output power at TR to reach 90% of final value from 50%
of CTR edge
0.8
µs
tOFF
Turn-off time: time for RF output power at TR to reach 10% of final value from 50%
of CTR edge
0.1
µs
5.7 Digital Mode Control Logic
Device Pin Configuration
Description
CEN
CIB
CTR
1
0
0
Not supported
1
1
0
RX mode: RX path enabled (RF receive), TX PA powered down
1
0
1
Not supported
1
1
1
TX mode: TX path enabled (RF transmit)
0
X(1)
X(1)
Power down mode: Device in powered down state
0
0
0
Guaranteed powered down supply current state
(1)
Pin logic is ignored
www.ti.com
TRF2001
SLVSK83 – APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TRF2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com