Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF2001VBAR Datasheet(PDF) 13 Page - Texas Instruments

Part # TRF2001VBAR
Description  TRF2001 860MHz to 930MHz ISM Band Multiprotocol and Wi-SUN RF FEM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TRF2001VBAR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TRF2001VBAR Datasheet HTML 9Page - Texas Instruments TRF2001VBAR Datasheet HTML 10Page - Texas Instruments TRF2001VBAR Datasheet HTML 11Page - Texas Instruments TRF2001VBAR Datasheet HTML 12Page - Texas Instruments TRF2001VBAR Datasheet HTML 13Page - Texas Instruments TRF2001VBAR Datasheet HTML 14Page - Texas Instruments TRF2001VBAR Datasheet HTML 15Page - Texas Instruments TRF2001VBAR Datasheet HTML 16Page - Texas Instruments TRF2001VBAR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
5.9 Typical Characteristics - Receive
at TA = 25℃, VCC_PA = VCC = 3.3V, input = ANT, output = TR, RX_FLT shorted to LNA_IN, TX_FLT shorted to PA_IN, 50Ω
source and load at input and output RF pins, respectively, and de-embedded up to the device pins, frequency and ambient
temperatures shown (unless otherwise noted)
Frequency (MHz)
700 750 800 850 900 950 1000 1050 1100 1150 1200
7
-40
8
-35
9
-30
10
-25
11
-20
12
-15
13
-10
14
-5
15
0
16
5
17
10
18
15
19
20
S21 (dB)
S11 (dB)
S22 (dB)
S12 (dB)
PIN = –27dBm
Figure 5-31. Small-Signal S-Parameters
Frequency (MHz)
800
825
850
875
900
925
950
975
1000
1
1.5
2
2.5
3
3.5
4
ANT to TR
LNA_IN to TR
Figure 5-32. Noise Figure
PIN (dBm)
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
5
-12
6
-10
7
-8
8
-6
9
-4
10
-2
11
0
12
2
13
4
14
6
15
8
16
10
17
12
GP, 867MHz
GP, 902MHz
GP, 915MHz
GP, 928MHz
PO, 867MHz
PO, 902MHz
PO, 915MHz
PO, 928MHz
Figure 5-33. Gain and PO vs PIN Across Frequency
PIN (dBm)
-27
-23
-19
-15
-11
-7
-3
1
5
-27
-23
-19
-15
-11
-7
-3
1
5
PO, 867MHz
PO, 902MHz
PO, 915MHz
PO, 928MHz
Input = ANT, output = RX_FLT
Figure 5-34. PO vs PIN Across Frequency
PIN (dBm)
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
7
-12
8
-10
9
-8
10
-6
11
-4
12
-2
13
0
14
2
15
4
16
6
17
8
18
10
19
12
GP, 867MHz
GP, 902MHz
GP, 915MHz
GP, 928MHz
PO, 867MHz
PO, 902MHz
PO, 915MHz
PO, 928MHz
Input = LNA_IN, output = TR
Figure 5-35. Gain and PO vs PIN Across Frequency
PIN (dBm)
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
9
10
11
12
13
14
15
16
17
18
19
20
21
ICC, 867MHz
ICC, 902MHz
ICC, 915MHz
ICC, 928MHz
Figure 5-36. Supply Current vs PIN
www.ti.com
TRF2001
SLVSK83 – APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TRF2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com