Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF2001VBAR Datasheet(PDF) 8 Page - Texas Instruments

Part # TRF2001VBAR
Description  TRF2001 860MHz to 930MHz ISM Band Multiprotocol and Wi-SUN RF FEM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TRF2001VBAR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TRF2001VBAR Datasheet HTML 4Page - Texas Instruments TRF2001VBAR Datasheet HTML 5Page - Texas Instruments TRF2001VBAR Datasheet HTML 6Page - Texas Instruments TRF2001VBAR Datasheet HTML 7Page - Texas Instruments TRF2001VBAR Datasheet HTML 8Page - Texas Instruments TRF2001VBAR Datasheet HTML 9Page - Texas Instruments TRF2001VBAR Datasheet HTML 10Page - Texas Instruments TRF2001VBAR Datasheet HTML 11Page - Texas Instruments TRF2001VBAR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
5.8 Typical Characteristics - Transmit
at TA = 25℃, VCC_PA = VCC = 3.3V, input = TR, output = ANT, RX_FLT shorted to LNA_IN, TX_FLT shorted to PA_IN, 50Ω
source and load at input and output RF pins, respectively, and de-embedded up to the device pins, frequency and ambient
temperatures shown (unless otherwise noted)
PIN (dBm)
-26
-22
-18
-14
-10
-6
-2
2
6
10
14
10
-6
12
-2
14
2
16
6
18
10
20
14
22
18
24
22
26
26
28
30
GP, 867MHz
GP, 902MHz
GP, 915MHz
GP, 928MHz
PO, 867MHz
PO, 902MHz
PO, 915MHz
PO, 928MHz
Figure 5-1. Gain and PO vs PIN Across Frequency
Ambient Te mperature, TA (C)
-40
-15
10
35
60
85
26
26.5
27
27.5
28
28.5
29
29.5
30
3.3V, 867MHz
3.3V, 902MHz
3.3V, 915MHz
3.3V, 928MHz
3.6V, 867MHz
3.6V, 902MHz
3.6V, 915MHz
3.6V, 928MHz
VCC_PA as shown, VCC = VCC_PA
Figure 5-2. PSAT vs Temperature Across Frequency
PIN (dBm)
-26
-22
-18
-14
-10
-6
-2
2
6
10
14
0
0
5
50
10
100
15
150
20
200
25
250
30
300
35
350
40
400
45
450
PAE, 867MHz
PAE, 902MHz
PAE, 915MHz
PAE, 928MHz
ICC_PA, 867MHz
ICC_PA, 902MHz
ICC_PA, 915MHz
ICC_PA, 928MHz
Figure 5-3. PAE and Supply Current vs PIN Across Frequency
Frequency
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
867MHz
902MHz
915MHz
928MHz
HD2
HD3
HD4
HD5
HD6
HD7
HD8
HD9
HD10
PO = 27dBm
Figure 5-4. Harmonic Distortion Across Frequency
Frequency (MHz)
700 750 800 850 900 950 1000 1050 1100 1150 1200
15
-80
16
-70
17
-60
18
-50
19
-40
20
-30
21
-20
22
-10
23
0
24
10
25
20
26
30
S21 (dB)
S11 (dB)
S22 (dB)
S12 (dB)
PIN = –27dBm
Figure 5-5. Small-Signal S-Parameters
PO (dBm)
10
12
14
16
18
20
22
24
26
28
30
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
867MHz
902MHz
915MHz
928MHz
Figure 5-6. VDET vs PO Across Frequency
TRF2001
SLVSK83 – APRIL 2026
www.ti.com
8
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TRF2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com