Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMTH4008LFDFW Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMTH4008LFDFW
Description  40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH4008LFDFW Datasheet(HTML) 2 Page - Diodes Incorporated

  DMTH4008LFDFW Datasheet HTML 1Page - Diodes Incorporated DMTH4008LFDFW Datasheet HTML 2Page - Diodes Incorporated DMTH4008LFDFW Datasheet HTML 3Page - Diodes Incorporated DMTH4008LFDFW Datasheet HTML 4Page - Diodes Incorporated DMTH4008LFDFW Datasheet HTML 5Page - Diodes Incorporated DMTH4008LFDFW Datasheet HTML 6Page - Diodes Incorporated DMTH4008LFDFW Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMTH4008LFDFW
Datasheet number: DS40056 Rev. 1 - 2
2 of 7
www.diodes.com
January 2018
© Diodes Incorporated
DMTH4008LFDFW
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
40
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 7) VGS = 10V
TA = +25°C
TA = +100°C
ID
11.6
8.2
A
Pulsed Drain Current (10
μs Pulse, Duty Cycle = 1%)
IDM
80
A
Continuous Source-Drain Diode Current (Note 7)
IS
2.55
A
Pulsed Source-Drain Diode Current (10
μs Pulse, Duty Cycle = 1%)
ISM
80
A
Avalanche Current, L = 0.3mH (Note 8)
IAS
14.7
A
Avalanche Energy, L = 0.3mH (Note 8)
EAS
32.4
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
TA = +25°C
PD
0.99
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
153
°C/W
Total Power Dissipation (Note 6)
TA = +25°C
PD
2.35
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
64.5
°C/W
Thermal Resistance, Junction to Case (Note 7)
TC = +25°C
RθJC
14.8
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 9)
Drain-Source Breakdown Voltage
BVDSS
40
—
—
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
—
—
1
µA
VDS = 32V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 9)
Gate Threshold Voltage
VGS(TH)
1
1.7
3
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
—
9.1
11.5
m
Ω
VGS = 10V, ID = 10A
12.9
18
VGS = 4.5V, ID = 8.5A
Diode Forward Voltage
VSD
—
0.8
1.0
V
VGS = 0V, IS = 10A
DYNAMIC CHARACTERISTICS (Note 10)
Input Capacitance
Ciss
—
1030
—
pF
VDS = 20V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
—
324
—
Reverse Transfer Capacitance
Crss
—
27
—
Gate Resistance
Rg
—
1.82
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
Qg
—
6.8
—
nC
VDD = 20V, ID = 10A
Total Gate Charge (VGS = 10V)
Qg
—
14.2
—
Gate-Source Charge
Qgs
—
2.0
—
Gate-Drain Charge
Qgd
—
2.7
—
Turn-On Delay Time
tD(ON)
—
3.1
—
ns
VDD = 20V, VGS = 10V,
Rg = 6Ω, ID = 10A
Turn-On Rise Time
tR
—
3.1
—
Turn-Off Delay Time
tD(OFF)
—
14.2
—
Turn-Off Fall Time
tF
—
5.8
—
Reverse Recovery Time
tRR
—
19.6
—
ns
IF = 10A, di/dt = 100A/μs
Reverse Recovery Charge
QRR
—
8.2
—
nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. Thermal resistance from junction to soldering point (on the exposed drain pad).
8. IAS and EAS ratings are based on low frequency and duty cycles to keep TJ =+ 25°C.
9. Short duration pulse test used to minimize self-heating effect.
10. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com