Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMTH4008LFDFW Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMTH4008LFDFW
Description  40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH4008LFDFW Datasheet(HTML) 1 Page - Diodes Incorporated

  DMTH4008LFDFW Datasheet HTML 1Page - Diodes Incorporated DMTH4008LFDFW Datasheet HTML 2Page - Diodes Incorporated DMTH4008LFDFW Datasheet HTML 3Page - Diodes Incorporated DMTH4008LFDFW Datasheet HTML 4Page - Diodes Incorporated DMTH4008LFDFW Datasheet HTML 5Page - Diodes Incorporated DMTH4008LFDFW Datasheet HTML 6Page - Diodes Incorporated DMTH4008LFDFW Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMTH4008LFDFW
Datasheet number: DS40056 Rev. 1 - 2
1 of 7
www.diodes.com
January 2018
© Diodes Incorporated
DMTH4008LFDFW
40V +175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(ON) Max
ID Max
TA = +25°C
40V
11.5m
Ω @ VGS = 10V
11.6A
18m
Ω @ VGS = 4.5V
9.3A
Description
This new generation MOSFET is designed to minimize the on-state
resistance (RDS(ON)) and yet maintain superior switching performance,
making it ideal for high efficiency power management applications:
Power Management Functions
DC-DC Converters
Backlighting
Features
Rated to +175°C
– Ideal for High Ambient Temperature
Environments
100% Unclamped Inductive Switching, Test in Production
–
Ensures More Reliable and Robust End Application
Low RDS(ON) – Ensures On State Losses Are Minimized
0.6mm Profile
– Ideal for Low Profile Applications
PCB Footprint of 4mm
2
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
An Automotive-Compliant Part is Available Under Separate
Datasheet (DMTH4008LFDFWQ)
Mechanical Data
Case: U-DFN2020-6 (SWP) (Type F)
Case Material: Molded Plastic, ―Green‖ Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Annealed over Copper Leadframe;
Solderable per MIL-STD-202, Method 208
Weight: 0.007 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Quantity Per Reel
DMTH4008LFDFW-7
U-DFN2020-6 (SWP) (Type F)
3,000
DMTH4008LFDFW-13
U-DFN2020-6 (SWP) (Type F)
10,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-free "Gre
en‖ products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Date Code Key
Year
2017
2018
2019
2020
2021
2022
2023
2024
Code
E
F
G
H
I
J
K
L
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Pin Out
Bottom View
Internal Schematic
e4
8W = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: F = 2018)
M = Month (ex: 9 = September)
e4
U-DFN2020-6 (SWP) (Type F)
Bottom View
Top View
8W
D
S
G


Similar Part No. - DMTH4008LFDFW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH4008LPDW DIODES-DMTH4008LPDW Datasheet
574Kb / 7P
40V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
May 2020 Rev. 1 - 2
DMTH4008LPDW-13 DIODES-DMTH4008LPDW-13 Datasheet
574Kb / 7P
40V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
May 2020 Rev. 1 - 2
More results

Similar Description - DMTH4008LFDFW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH45M5LPSW DIODES-DMTH45M5LPSW Datasheet
592Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 3 - 2 August 2022
DMTH45M5LPSWQ DIODES-DMTH45M5LPSWQ Datasheet
592Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 3 - 2 August 2022
DMTH45M5SPSW DIODES-DMTH45M5SPSW Datasheet
587Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 2 - 2 August 2022
DMNH45M7SCT DIODES-DMNH45M7SCT Datasheet
475Kb / 6P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
August 2018 Rev. 4 - 2
DMTH43M8LFGQ DIODES-DMTH43M8LFGQ Datasheet
513Kb / 7P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
April 2023 Rev. 7 - 2
DMT47M2SFVWQ DIODES-DMT47M2SFVWQ Datasheet
479Kb / 7P
40V 150°C N-CHANNEL ENHANCEMENT MODE MOSFET
April 2019 Rev. 2 - 2
DMTH10H015SPSQ DIODES-DMTH10H015SPSQ Datasheet
919Kb / 9P
100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
January 2023 Rev. 3 - 2
DMTH31M7LPSQ DIODES-DMTH31M7LPSQ Datasheet
374Kb / 8P
175°C N-CHANNEL ENHANCEMENT MODE MOSFET
June 2020 Rev. 2 - 2
DMTH45M5LFVWQ DIODES-DMTH45M5LFVWQ Datasheet
719Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
March 2023 Rev. 3 - 2
DMTH46M7SFVWQ DIODES-DMTH46M7SFVWQ Datasheet
678Kb / 7P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
November 2022 Rev. 4 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com