Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMTH4008LFDFW Datasheet (PDF) - Diodes Incorporated

DMTH4008LFDFW Datasheet PDF - Diodes Incorporated
Part # DMTH4008LFDFW
Download  DMTH4008LFDFW Download
File Size   475.85 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET

DMTH4008LFDFW Datasheet (PDF)

Go To PDF Page Download Datasheet
DMTH4008LFDFW Datasheet PDF - Diodes Incorporated

Part # DMTH4008LFDFW
Download  DMTH4008LFDFW Click to download

File Size   475.85 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET

DMTH4008LFDFW Datasheet (HTML) - Diodes Incorporated


DMTH4008LFDFW Product details

Description
This new generation MOSFET is designed to minimize the on-state
resistance (RDS(ON)) and yet maintain superior switching performance,
making it ideal for high efficiency power management applications:
 Power Management Functions
 DC-DC Converters
 Backlighting

Features
 Rated to +175°C – Ideal for High Ambient Temperature
Environments
 100% Unclamped Inductive Switching, Test in Production –
Ensures More Reliable and Robust End Application
 Low RDS(ON) – Ensures On State Losses Are Minimized
 0.6mm Profile – Ideal for Low Profile Applications
 PCB Footprint of 4mm2
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 Qualified to AEC-Q101 Standards for High Reliability
 An Automotive-Compliant Part is Available Under Separate
Datasheet (DMTH4008LFDFWQ)




Similar Part No. - DMTH4008LFDFW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH4008LPDW DIODES-DMTH4008LPDW Datasheet
574Kb / 7P
40V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
May 2020 Rev. 1 - 2
DMTH4008LPDW-13 DIODES-DMTH4008LPDW-13 Datasheet
574Kb / 7P
40V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
May 2020 Rev. 1 - 2
More results


Similar Description - DMTH4008LFDFW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH45M5LPSW DIODES-DMTH45M5LPSW Datasheet
592Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 3 - 2 August 2022
DMTH45M5LPSWQ DIODES-DMTH45M5LPSWQ Datasheet
592Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 3 - 2 August 2022
DMTH45M5SPSW DIODES-DMTH45M5SPSW Datasheet
587Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 2 - 2 August 2022
DMNH45M7SCT DIODES-DMNH45M7SCT Datasheet
475Kb / 6P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
August 2018 Rev. 4 - 2
DMTH43M8LFGQ DIODES-DMTH43M8LFGQ Datasheet
513Kb / 7P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
April 2023 Rev. 7 - 2
DMT47M2SFVWQ DIODES-DMT47M2SFVWQ Datasheet
479Kb / 7P
40V 150°C N-CHANNEL ENHANCEMENT MODE MOSFET
April 2019 Rev. 2 - 2
DMTH10H015SPSQ DIODES-DMTH10H015SPSQ Datasheet
919Kb / 9P
100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
January 2023 Rev. 3 - 2
DMTH31M7LPSQ DIODES-DMTH31M7LPSQ Datasheet
374Kb / 8P
175°C N-CHANNEL ENHANCEMENT MODE MOSFET
June 2020 Rev. 2 - 2
DMTH45M5LFVWQ DIODES-DMTH45M5LFVWQ Datasheet
719Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
March 2023 Rev. 3 - 2
DMTH46M7SFVWQ DIODES-DMTH46M7SFVWQ Datasheet
678Kb / 7P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
November 2022 Rev. 4 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com