Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR1254-R8 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # IR1254-R8
Description  OPTO INTERRUPTER ITR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR1254-R8 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  IR1254-R8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR1254-R8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR1254-R8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR1254-R8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR1254-R8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR1254-R8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR1254-R8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd IR1254-R8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
Technical Data Sheet
OPTO INTERRUPTER ITR
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 3 of 8
Device No:CDRX-990-007
Prepared date:2007/4/8
Prepared by:zhouhong
ITR9904
█Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation
PD
75
mW
Reverse Voltage
VR
5
V
Forward Current
IF
50
mA
Input
Peak Forward Current(*1)
IFP
1.0
A
Collect Power Dissipation
Pc
75
mW
Collect Current
Ic
20
mA
Collector-Emitter Voltage
VCE
30
V
Output
Emitter-Collector Voltage
VEC
5
V
Operating Temperature
Topr
-25~+85
Storage Temperature
Tstg
-40~+85
Soldering Temperature(*2)
Tsol
260
(*1)
Pause width= 100
μs, Duty Cycle=1%
(*2)
t=5 secs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com