Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR1254-R8 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # IR1254-R8
Description  OPTO INTERRUPTER ITR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR1254-R8 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  IR1254-R8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR1254-R8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR1254-R8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR1254-R8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR1254-R8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR1254-R8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR1254-R8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd IR1254-R8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
Technical Data Sheet
OPTO INTERRUPTER ITR
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 1 of 8
Device No:CDRX-990-007
Prepared date:2007/4/8
Prepared by:zhouhong
ITR9904
█ Features
․Fast response time
․High analytic
․Cut-off visible wavelength λp=940nm
․High sensitivity
․This product itself will remain within RoHS compliant version.
█ Descriptions
The ITR9904 consists of an infrared emitting diode
and an NPN silicon phototransistor, encased oblique angle
(45°) on converging optical axis in a black Thermo-plastic
housing. The phototransistor receives radiation from the
IRED only, and avoids the noise from ambient light.
█ Applications
․Copier
․Scanner
․Non-contact Switching
․For Direct PC Board
█ Device Selection Guide
Device No.
Chip Material
LENS COLOR
IR1254-R8
GaAs
Blue
PT1254-6B
Silicon
Black


Similar Part No. - IR1254-R8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR12-21C-TR8 EVERLIGHT-IR12-21C-TR8 Datasheet
202Kb / 10P
Chip Infrared LED With Right Angle Lens
09-03-2008
IR12-21C-TR8 EVERLIGHT-IR12-21C-TR8_15 Datasheet
220Kb / 9P
Chip Infrared LED With Right Angle Lens
logo
XP Power Limited
IR1205S XPPOWER-IR1205S Datasheet
72Kb / 1P
Single & Dual Output
IR1205SA XPPOWER-IR1205SA Datasheet
72Kb / 1P
Single & Dual Output
IR1209S XPPOWER-IR1209S Datasheet
72Kb / 1P
Single & Dual Output
More results

Similar Description - IR1254-R8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ITR20403 EVERLIGHT-ITR20403 Datasheet
256Kb / 8P
OPTO INTERRUPTER ITR
07-21-2005
ITR20508 EVERLIGHT-ITR20508 Datasheet
190Kb / 8P
OPTO INTERRUPTER ITR
ITR20507 EVERLIGHT-ITR20507 Datasheet
184Kb / 7P
OPTO INTERRUPTER ITR
ITR20506 EVERLIGHT-ITR20506 Datasheet
186Kb / 7P
OPTO INTERRUPTER ITR
07-21-2005
ITR20505 EVERLIGHT-ITR20505 Datasheet
251Kb / 8P
OPTO INTERRUPTER ITR
07-21-2005
ITR20403 EVERLIGHT-ITR20403_06 Datasheet
250Kb / 8P
OPTO INTERRUPTER ITR
2006/4/26
ITR9907 EVERLIGHT-ITR9907_05 Datasheet
328Kb / 9P
OPTO INTERRUPTER ITR
07-21-2005
ITR8307-L24 EVERLIGHT-ITR8307-L24 Datasheet
258Kb / 9P
Opto Interrupter ITR
2006/5/15
ITR8307-L24-TR8 EVERLIGHT-ITR8307-L24-TR8 Datasheet
324Kb / 10P
Opto Interrupter ITR
2009/03/23
ITR20004 EVERLIGHT-ITR20004 Datasheet
173Kb / 8P
Opto Interrupter ITR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com