Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR1254-R8 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # IR1254-R8
Description  OPTO INTERRUPTER ITR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR1254-R8 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  IR1254-R8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR1254-R8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR1254-R8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR1254-R8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR1254-R8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR1254-R8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR1254-R8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd IR1254-R8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
Technical Data Sheet
OPTO INTERRUPTER ITR
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 4 of 8
Device No:CDRX-990-007
Prepared date:2007/4/8
Prepared by:zhouhong
ITR9904
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
VF1
-
1.2
1.5
IF=20mA
VF2
-
1.4
1.85
IF=100mA
Forward Voltage
VF3
-
2.6
4.0
V
IF=1A
Reverse Current
IR
-
-
10
μA
VR=5V
Peak Wavelength
λP
-
940
-
nm
---
Input
View Angle
2θ1/2
-
35
-
Deg
IF=20mA
Dark Current
ICEO
-
-
100
nA
VCE=20V,Ee=0mW/cm
2
Output
C-E Saturation
Voltage
VCE(sat)
-
-
0.4
V
IC=2mA,IB=0.1mA
IC(ON)A
100
-
300
IC(ON)B
200
-
600
Collect Current
IC(ON)C
400
-
1200
μA
VCE=5V,IF=20mA
Rise Time
tR
-
15
-
μs
Response
Time
Fall Time
tF
-
15
-
μs
VCE=2V,IC=1mA,RL=1KΩ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com