Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4040 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # LM4040
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM4040 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button LM4040 Datasheet HTML 4Page - Diodes Incorporated LM4040 Datasheet HTML 5Page - Diodes Incorporated LM4040 Datasheet HTML 6Page - Diodes Incorporated LM4040 Datasheet HTML 7Page - Diodes Incorporated LM4040 Datasheet HTML 8Page - Diodes Incorporated LM4040 Datasheet HTML 9Page - Diodes Incorporated LM4040 Datasheet HTML 10Page - Diodes Incorporated LM4040 Datasheet HTML 11Page - Diodes Incorporated LM4040 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LM4040
Typical Characteristics LM4040Q Reference Impedance
LM4040-25
LM4040-25
LM4040-30
LM4040-30
LM4040-50
LM4040-50
10k
100k
1M
100
1k
FREQUENCY (Hz)
T = 25°C
I = 100µA
A
R
C = 0
L
C = 1.0µF
Tantalum
L
T = 25°C
I = 1mA
A
R
10k
100k
1M
100
1k
100
0.01
0.1
1
10
C = 0
L
C = 1.0µF
Tantalum
L
FREQUENCY (Hz)
f
10k
100k
1M
100
1k
FREQUENCY (Hz)
T = 25°C
I = 100µA
A
R
C = 0
L
C = 1.0µF
Tantalum
L
10k
100k
1M
100
1k
100
0.01
0.1
1
10
FREQUENCY (Hz)
Rf
I
d
F
10k
100k
1M
100
1k
FREQUENCY (Hz)
Rf
I
d
F
10k
100k
1M
100
1k
100
0.1
1
10
FREQUENCY (Hz)
Rf
I
d
F
LM4040
Document number: DS33195 Rev. 8 - 2
8 of 16
www.diodes.com
August 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com