Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4040 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # LM4040
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM4040 Datasheet(HTML) 3 Page - Diodes Incorporated

  LM4040 Datasheet HTML 1Page - Diodes Incorporated LM4040 Datasheet HTML 2Page - Diodes Incorporated LM4040 Datasheet HTML 3Page - Diodes Incorporated LM4040 Datasheet HTML 4Page - Diodes Incorporated LM4040 Datasheet HTML 5Page - Diodes Incorporated LM4040 Datasheet HTML 6Page - Diodes Incorporated LM4040 Datasheet HTML 7Page - Diodes Incorporated LM4040 Datasheet HTML 8Page - Diodes Incorporated LM4040 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LM4040
Electrical Characteristics (continued) (Test conditions: TA = +25°C, unless otherwise specified.)
LM4040-30
Symbol
Parameter
Conditions
Typ
LM4040
B Limits
LM4040
C Limits
LM4040
D Limits
Unit
—
TA
VREF
Reverse Breakdown Voltage
IR = 100µA
+25°C
3.0
—
—
—
V
Reverse Breakdown Voltage Tolerance IR = 100µA
+25°C
—
±6
±15
±30
mV
-40 to +85°C
±26
±34
±59
-40 to +125°C
37
±45
±75
IRMIN
Minimum Operating Current
—
+25°C
47
62
62
67
µA
-40 to +85°C
—
67
67
72
-40 to +125°C
70
70
75
ΔVR/ΔT
Average Reverse Breakdown Voltage
Temperature Coefficient
IR = 10mA
-40 to +125°C
±20
—
—
—
ppm/°C
IR = 1mA
±15
±100
±100
±150
IR = 100µA
±15
—
—
—
ΔVR/ΔIR
Reverse Breakdown Change with
Current
IRMIN ≤ IR
≤ 1mA
+25°C
0.4
0.8
0.8
1.0
mV
-40 to +85°C
—
1.1
1.1
1.3
-40 to +125°C
1.1
1.1
1.3
1mA ≤ IR
≤ 15mA
+25°C
2.7
6.0
6.0
8.0
-40 to +85°C
—
9.0
9.0
11.0
-40 to +125°C
9.0
9.0
11.0
ZR
Dynamic Output Impedance
IR = 1mA, f = 120Hz
IAC = 0.1IR
0.4
0.9
0.9
1.2
Ω
en
Noise Voltage
IR = 100µA
10Hz < f < 10kHz
35
—
—
—
µVRMS
VR
Long Term Stability (Non-Cumulative)
t = 1000Hrs, IR = 100µA
120
—
—
—
ppm
VHYST
Thermal Hysteresis
ΔT = -40°C to +125°C
0.08
—
—
—
%
Electrical Characteristics (cont.) (@TA = +25°C, unless otherwise specified.)
LM4040-33
Symbol
Parameter
Conditions
Typ
B Limits C Limits D Limits
Units
-
TA
VREF
Reverse Breakdown Voltage
IR = 100µA
+25°C
3.3
V
Reverse Breakdown Voltage Tolerance
IR = 100µA
+25°C
—
±6.6
±16.5
±33
mV
-40 to +85°C
±28
±38
±65
-40 to +125°C
±40
±50
±83
IRMIN
Minimum Operating Current
—
+25°C
47
62
62
67
µA
-40 to +85°C
—
67
67
72
-40 to +125°C
70
70
75
ΔVR/ΔT Average Reverse Breakdown Voltage
Temperature Coefficient
IR = 10mA
-40 to +125°C
±20
—
—
—
—
IR = 1mA
±15
±100
±100
±150
ppm/°C
IR = 100µA
±15
—
ΔVR/ΔIR Reverse Breakdown Change With
Current
IRMIN IR
< 1mA
+25°C
0.4
0.8
0.8
1
mV
-40 to +85°C
—
1.1
1.1
1.3
-40 to +125°C
1.1
1.1
1.3
1mA < IR
< 15mA
+25°C
2.7
6
6
8
-40 to +85°C
—
9.0
9
11
-40 to +125°C
9.0
9
11
ZR
Dynamic Output Impedance
IR = 1mA, f = 120Hz, IAC =
0.1IR
0.4
0.9
0.9
1.2
Ω
en
Noise Voltage
IR = 100µA, 10Hz < f < 10kHz
35
—
—
—
µVRMS
VR
Long Term Stability (Non-Cumulative)
t = 1000Hrs, IR = 100µA
120
—
—
—
ppm
VHYST
Thermal Hysteresis
ΔT = -40°C to = +125°C
0.08
—
—
—
%
LM4040
Document number: DS33195 Rev. 8 - 2
3 of 16
www.diodes.com
August 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com