Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4040 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # LM4040
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM4040 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button LM4040 Datasheet HTML 8Page - Diodes Incorporated LM4040 Datasheet HTML 9Page - Diodes Incorporated LM4040 Datasheet HTML 10Page - Diodes Incorporated LM4040 Datasheet HTML 11Page - Diodes Incorporated LM4040 Datasheet HTML 12Page - Diodes Incorporated LM4040 Datasheet HTML 13Page - Diodes Incorporated LM4040 Datasheet HTML 14Page - Diodes Incorporated LM4040 Datasheet HTML 15Page - Diodes Incorporated LM4040 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LM4040
Ordering Information
Part Number +25°C Tol
Voltage
(V)
Status
(Note 4)
Package
(Note 5)
Identification
Code
Reel
Size
Tape
Width
Quantity
per Reel
LM4040B25FTA
0.2%
2.5
Full Production
SOT23
R2B
7”, 180mm
8mm
3000
LM4040B30FTA
3.0
Full Production
SOT23
R3B
7”, 180mm
8mm
3000
LM4040B33FTA
3.3
Full Production
SOT23
3B3
7”, 180mm
8mm
3000
LM4040B41FTA
4.096
Full Production
SOT23
4B1
7”, 180mm
8mm
3000
LM4040B50FTA
5.0
Full Production
SOT23
R5B
7”, 180mm
8mm
3000
LM4040C25FTA
0.5%
2.5
Full Production
SOT23
R2C
7”, 180mm
8mm
3000
LM4040C30FTA
3.0
Full Production
SOT23
R3C
7”, 180mm
8mm
3000
LM4040C33FTA
3.3
Full Production
SOT23
3C3
7”, 180mm
8mm
3000
LM4040C41FTA
4.096
Full Production
SOT23
4C1
7”, 180mm
8mm
3000
LM4040C50FTA
5.0
Full Production
SOT23
R5C
7”, 180mm
8mm
3000
LM4040D25FTA
1%
2.5
Full Production
SOT23
R2D
7”, 180mm
8mm
3000
LM4040D30FTA
3.0
Full Production
SOT23
R3D
7”, 180mm
8mm
3000
LM4040D33FTA
3.3
Full Production
SOT23
3D3
7”, 180mm
8mm
3000
LM4040D41FTA
4.096
Full Production
SOT23
4D1
7”, 180mm
8mm
3000
LM4040D50FTA
5.0
Full Production
SOT23
R5D
7”, 180mm
8mm
3000
See LM4040Q datasheet for Automotive-compliant versions with AEC-Q100 qualification.
Notes:
4. SC70-5 (H5 package code) options are End Of Life (EOL). Package information can be found at end of datasheet.
5. Package dimensions and pad layout can be found on our website at http://www.diodes.com/package-outlines.html.
Marking Information
(1) SOT23
LM4040-25, LM4040-30, LM4040-50
RXX : Identification Code
Part Number
Identification Code
LM4040B25FTA
R2B
LM4040B30FTA
R3B
LM4040B50FTA
R5B
LM4040C25FTA
R2C
LM4040C30FTA
R3C
LM4040C50FTA
R5C
LM4040D25FTA
R2D
LM4040D30FTA
R3D
LM4040D50FTA
R5D
LM4040-33, LM4040-41
XXX : Identification code
Y : Year : 0~9
W : Week: A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
X : Internal code
Part Number
Identification Code
LM4040B33FTA
3B3
LM4040B41FTA
4B1
LM4040C33FTA
3C3
LM4040C41FTA
4C1
LM4040D33FTA
3D3
LM4040D41FTA
4D1
LM4040
Document number: DS33195 Rev. 8 - 2
13 of 16
www.diodes.com
August 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com