Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX321 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # LX321
Description  0.9V~1.5V CMOS XO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LX321 Datasheet(HTML) 2 Page - Diodes Incorporated

  LX321 Datasheet HTML 1Page - Diodes Incorporated LX321 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Diodes Incorporated • US: +1-408-232-9100 TW: +886-3-4518888
• www.diodes.com
All specifications are subject to change without notice.
LX321
Rev B
09/26/16
0.9V~1.5V CMOS XO
LX321
Low Voltage Crystal Oscillator
3.2 x 2.5mm
A product Line of
Diodes Incorporated
Output Enable / Disable Function
Parameter
Min.
Typ.
Max.
Units
Notes
Input Voltage (pin 1), Output Enable
0.7 VDD
V
or open
Input Voltage (pin 1), Output Disable (low power standby)
0.3 VDD
V
Output is Hi-Z
Output Disable Delay
50
us
Output Enable Delay
2
ms
Start up Time
10
ms
Absolute Maximum Ratings
Parameter
Min.
Typ.
Max.
Units
Notes
Storage Temperature
-55
+125
°C
For the latest product information visit:
http://www.pericom.com/products/crystals-and-crystal-oscillators/cxo/?part=LX321
For test circuit go to:
http://www.pericom.com/pdf/sre/tc_cmos2.pdf
For soldering reflow profile and reliability test ratings go to:
http://www.pericom.com/pdf/sre/reflow.pdf
For tape and reel information go to:
http://www.pericom.com/pdf/sre/tr_3225_xo.pdf
2
Electrical Performance
Parameter
Min.
Typ.
Max.
Units
Notes
Output Frequency
1.25
50
MHz
Supply Voltage
1.425
1.5
1.575
V
See ordering options
1.14
1.2
1.26
0.95
1.0
1.05
0.855
0.9
0.945
Supply Current, Output Enabled
4
mA
Supply Current, Output Disabled only
100
uA
Frequency Stability
±50
ppm
See ordering options
Operating Temperature Range
-40
+85
°C
See ordering options
Output Logic 0, VOL
0.2 VDD
V
Output Logic 1, VOH
0.8 VDD
V
Output Load
15
pF
Duty Cycle
45
55
%
Measured 50% VDD
Rise and Fall Time
4
ns
Measured 20/80% of waveform
Jitter, Accumulated, RMS (1-σ)
6
ps
20.000 adjacent periods
Jitter, Phase, RMS
< 40MHz
1
ps
12kHz to 5 MHz frequency band
>=40MHz
1
12kHz to 20 MHz frequency band
Jitter, pk-pk
50
ps
100,000 random periods
Notes:
1.
Stability includes all combinations of operating temperature, load changes, rated input (supply) voltage changes, initial calibration tolerance (25°C),
aging (1 year at 25°C average effective ambient temperature), shock and vibration.
2.
For specifications other than those listed, please contact sales.
16-0011



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com