Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX321 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # LX321
Description  0.9V~1.5V CMOS XO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LX321 Datasheet(HTML) 1 Page - Diodes Incorporated

  LX321 Datasheet HTML 1Page - Diodes Incorporated LX321 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Diodes Incorporated • US: +1-408-232-9100 TW: +886-3-4518888
• www.diodes.com
All specifications are subject to change without notice.
LX321
Rev B
09/26/16
0.9V~1.5V CMOS XO
Low Voltage Crystal Oscillator
3.2 x 2.5mm
LX321
A product Line of
Diodes Incorporated
LX 321 V I FFFF.FFFFFF
A
B
C
Stability
Temp Range
A = +/-20 ppm
-20/+70°C
B = +/-25 ppm
-20/+70°C
C = +/-50 ppm -20/+70°C
D = +/-25 ppm -40/+85°C
E = +/-50 ppm
-40/+85°C
Stability and Temp Range:
Frequency:
FFFF.FFFFFF
MHz, “4 digits/decimal/6 digits” format
Voltage:
4=+1.5V
5=+1.2V
6=+1.0V
7=+0.9V
Product Features
• Industrial temperature range
• Low phase jitter: < 1ps RMS max.
• Supports frequency range: 1.25~50MHz
• Supports voltage range: 0.9~1.5V
• Low power consumption
• Pb-free & RoHS compliant
Product Description
The LX321 XO series is a high performance
CMOS crystal oscillator family with very low
jitter performance.
It supports 0.9V/1.0V/1.2V/1.5V voltages
and consumes very low operating current.
It is designed to meet the clock source
specifications for communication systems,
industrial applications and other high
performance equipment.
Applications
• Networking and communication systems
• Industrial and outdoor systems
• Storage and server systems
• Hand-held devices
• Professional video equipments
• Test and measurement equipments
Package: (Scale: none; dimensions are in mm)
Pin Functions:
Pin
Function
1
OE
2
Ground
3
Output
4
VDD
Recommended Land Pattern:
3.2 x 2.5mm Ceramic SMD
*Extended high frequency power decoupling is recommended (see test circuit for minimum
recommendation). To ensure optimal performance, do not route RF traces beneath the
package.
1
6
Part Ordering Information:
CREATED USING CADSTD LITE FREEWARE FROM WWW.CADSTD.COM. NON-COMMERCIAL USE ONLY.
16-0011


Similar Part No. - LX321

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LX3 BANNER-LX3 Datasheet
746Kb / 6P
LX Series Part-Sensing Light Screen
LX3 BANNER-LX3 Datasheet
337Kb / 6P
LX Series Part-Sensing Light Curtain
09-Jul-25 Rev. I
logo
Microsemi Corporation
LX3005 MICROSEMI-LX3005 Datasheet
104Kb / 3P
2A STEP-DOWN CONVERTER
LX3005CDM MICROSEMI-LX3005CDM Datasheet
104Kb / 3P
2A STEP-DOWN CONVERTER
LX3005CDM-TR MICROSEMI-LX3005CDM-TR Datasheet
104Kb / 3P
2A STEP-DOWN CONVERTER
More results

Similar Description - LX321

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C41A AKM-AK93C41A Datasheet
123Kb / 12P
0.9V operation 1K / 2Kbit Serial CMOS EEPROM
logo
Nel Frequency Controls,...
S9-X13AXXX NEL-S9-X13AXXX Datasheet
201Kb / 3P
CMOS HF CLOCK (XO)
S9-X13AXXX-X NEL-S9-X13AXXX-X Datasheet
148Kb / 3P
CMOS HF CLOCK (XO)
logo
Pericom Semiconductor C...
JX321 PERICOM-JX321 Datasheet
588Kb / 2P
2.5V/3.3V CMOS XO
NX21SB PERICOM-NX21SB Datasheet
887Kb / 2P
2.5V/3.3V CMOS FS XO
NX501 PERICOM-NX501 Datasheet
806Kb / 2P
2.5V/3.3V CMOS XO
NX701 PERICOM-NX701 Datasheet
812Kb / 2P
2.5V/3.3V CMOS XO
NX251 PERICOM-NX251 Datasheet
630Kb / 2P
2.5V/3.3V CMOS XO
NX321 PERICOM-NX321 Datasheet
653Kb / 2P
2.5V/3.3V CMOS XO
logo
Diodes Incorporated
JX501 DIODES-JX501 Datasheet
1Mb / 2P
2.5V/3.3V CMOS XO
RevC 10/30/12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com