Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX321 Datasheet (PDF) - Diodes Incorporated

LX321 Datasheet PDF - Diodes Incorporated
Part # LX321
Download  LX321 Download
File Size   890.99 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 0.9V~1.5V CMOS XO

LX321 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX321 Datasheet PDF - Diodes Incorporated

Part # LX321
Download  LX321 Click to download

File Size   890.99 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 0.9V~1.5V CMOS XO

LX321 Datasheet (HTML) - Diodes Incorporated


LX321 Product details

Product Features
• Industrial temperature range
• Low phase jitter: < 1ps RMS max.
• Supports frequency range: 1.25~50MHz
• Supports voltage range: 0.9~1.5V
• Low power consumption
• Pb-free & RoHS compliant

Product Description
The LX321 XO series is a high performance
CMOS crystal oscillator family with very low
jitter performance.
It supports 0.9V/1.0V/1.2V/1.5V voltages
and consumes very low operating current.
It is designed to meet the clock source
specifications for communication systems,
industrial applications and other high
performance equipment.

Applications
• Networking and communication systems
• Industrial and outdoor systems
• Storage and server systems
• Hand-held devices
• Professional video equipments
• Test and measurement equipments




Similar Part No. - LX321

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LX3 BANNER-LX3 Datasheet
746Kb / 6P
LX Series Part-Sensing Light Screen
LX3 BANNER-LX3 Datasheet
337Kb / 6P
LX Series Part-Sensing Light Curtain
09-Jul-25 Rev. I
logo
Microsemi Corporation
LX3005 MICROSEMI-LX3005 Datasheet
104Kb / 3P
2A STEP-DOWN CONVERTER
LX3005CDM MICROSEMI-LX3005CDM Datasheet
104Kb / 3P
2A STEP-DOWN CONVERTER
LX3005CDM-TR MICROSEMI-LX3005CDM-TR Datasheet
104Kb / 3P
2A STEP-DOWN CONVERTER
More results


Similar Description - LX321

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C41A AKM-AK93C41A Datasheet
123Kb / 12P
0.9V operation 1K / 2Kbit Serial CMOS EEPROM
logo
Nel Frequency Controls,...
S9-X13AXXX NEL-S9-X13AXXX Datasheet
201Kb / 3P
CMOS HF CLOCK (XO)
S9-X13AXXX-X NEL-S9-X13AXXX-X Datasheet
148Kb / 3P
CMOS HF CLOCK (XO)
logo
Pericom Semiconductor C...
JX321 PERICOM-JX321 Datasheet
588Kb / 2P
2.5V/3.3V CMOS XO
NX21SB PERICOM-NX21SB Datasheet
887Kb / 2P
2.5V/3.3V CMOS FS XO
NX501 PERICOM-NX501 Datasheet
806Kb / 2P
2.5V/3.3V CMOS XO
NX701 PERICOM-NX701 Datasheet
812Kb / 2P
2.5V/3.3V CMOS XO
NX251 PERICOM-NX251 Datasheet
630Kb / 2P
2.5V/3.3V CMOS XO
NX321 PERICOM-NX321 Datasheet
653Kb / 2P
2.5V/3.3V CMOS XO
logo
Diodes Incorporated
JX501 DIODES-JX501 Datasheet
1Mb / 2P
2.5V/3.3V CMOS XO
RevC 10/30/12
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com