Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IFR6813 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # IFR6813
Description  Microwave Generator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

IFR6813 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  IFR6813 Datasheet HTML 1Page - Aeroflex Circuit Technology IFR6813 Datasheet HTML 2Page - Aeroflex Circuit Technology IFR6813 Datasheet HTML 3Page - Aeroflex Circuit Technology IFR6813 Datasheet HTML 4Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
For the ver y latest specif ications visit
w w w.aeroflex.com
For carrier frequencies >375 MHz
Offset: 30 kHz to 150 kHz, <-50 dBc
150 kHz to 1 MHz, <-60 dBc
> 1 MHz, <-60 dBc
Phase Noise <dBc/Hz in CW mode
CW Freq
Frequency offset
(GHz)
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
0.3
-88
-90
-101
-110
-135
0.6
-90
-99
-114
-130
-140
1
-87
-92
-109
-129
-140
3
-76
-86
-100
-120
-138
4
-75
-82
-97
-111
-120
6
-71
-80
-94
-101
-110
10
-68
-73
-87
-100
-110
20
-60
-74
-84
-93
-105
24
-58
-64
-76
-80
-103
40
-55
-63
-75
-79
-100
Measured Phase Noise at 1 GHz
Measured Phase Noise at 10 GHz
Source Match (Typical)
1 MHz to 3 GHz, <-15 dB
3 GHz to 20 GHz, <-10 dB
20 GHz to 40 GHz, <-8 dB
Output Connector
6813 Precision N type, female (standard) or Precision 3.5 mm, female
(option)
6815 Precision 2.92 mm female or Field replaceable connectors
(option)
F
FR
RE
EQ
QU
UE
EN
NC
CY
Y S
ST
TA
AN
ND
DA
AR
RD
D
Internal 10 MHz OCXO
Drift
± 5 in 108 over 0 to 55°C
Ageing
± 2 in 107 per year (OCXO)
External Frequency Standard
1 MHz or 10 MHz, Connector: BNC
R
RE
EA
AR
R P
PA
AN
NE
EL
L C
CO
ON
NN
NE
EC
CT
TO
OR
RS
S
RS-232
9 way D-type connector, male, Baud rate 300 to 9600
GPIB Interface
GPIB is IEEE 488.1 and 488.2 compatible.
Frequency Standard In/Out BNC
1 MHz or 10 MHz input and 10 MHz output selectable from front
panel
Mod In/Out BNC
Mod in/out
Rear panel BNC connector, TTL level.Impedance approx 100
Ω
External Monitor
Standard VGA, 640 by 480 color output, 15 way high density D-type
female connector
Voltage Output
Auxiliary 9-pin connector. Settable for 0 to 10 V ramp, fixed voltage
External Levelling Input
Input voltage range: 0 to +1 V, Connector: BNC (f)
T
TR
RIIG
GG
GE
ER
R B
BO
OA
AR
RD
D O
OP
PT
TIIO
ON
N 2
24
4
External Trigger Input
Connector: BNC (f)
TTL input to trigger sweep in frequency list mode, Connector: BNC (f)
Lock Output
Connector: BNC (f)
TTL output indicating source locked
G
GE
EN
NE
ER
RA
AL
L F
FE
EA
AT
TU
UR
RE
ES
S
Display
Color active matrix TFT liquid crystal display with 16.5 cm (6.5”) visible
diagonal
Data Storage and Firmware Upgrade
3.5” floppy disc drive, 1.44 Mb
Weight – Model and Option Dependent
16 kg (35 Ib)
Size (Not including front handles)
230 mm H x 430 mm W x 570 mm D (9“ H x 17“ W x 22“ D)
Power Supply
Auto-sensing 90 V to 265 V, 45 Hz to 65 Hz AC. Plus 90 V to 110 V,
400 Hz AC. Consumption 150 W
Rated Range of Use
Temperature
6813
0 to +50°C
6815
+5°C to +45°C
Humidity
Up to 93% RH at +40°C
Conditions of Storage and Transportation
Temperature
-40 to +71°C
Humidity
Up to 93% RH at +40°C
Altitude
Up to 4570 m (15000 ft)
6815.qxd
02/Dec/2004
13:40
Page 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com