Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IFR6813 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # IFR6813
Description  Microwave Generator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

IFR6813 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  IFR6813 Datasheet HTML 1Page - Aeroflex Circuit Technology IFR6813 Datasheet HTML 2Page - Aeroflex Circuit Technology IFR6813 Datasheet HTML 3Page - Aeroflex Circuit Technology IFR6813 Datasheet HTML 4Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CW Accuracy
(Frequency Standard error x Frequency) ± 10 Hz
Swept Accuracy (Typical)
300 ms Step Time
10 MHz to 3 GHz
<20 kHz
3 GHz to 46 GHz
<200 kHz
1 ms Step Time
10 MHz to 3 GHz
<1 kHz
3 GHz to 46 GHz
<10 kHz
10 ms Step Time
10 MHz to 3 GHz
<100 Hz
3 GHz to 46 GHz
<1 kHz
List Mode Step Time
<500
µs minimum step time per point
10 MHz to 3 GHz
<4 kHz
3 GHz to 46 GHz
<40 kHz
Levelled Power Range
6813
10 MHz to 20 GHz
-10 to +10 dBm
6815
10 MHz to 8 GHz
-10 to +8 dBm
+10 dBm typ
8 GHz to 20 GHz
-10 to +5 dBm
+7 dBm typ
6815R 20 GHz to 24 GHz
-10 to +4 dBm
+6 dBm typ
24 GHz to 40 GHz
-10 to 0 dBm
+3 dBm typ
40 GHz to 46 GHz
-10 to 0 dBm typ*
* Excluding the effect of connector moding
6813 + Option 011 (70 dB Step Attenuator)
10 MHz to 3 GHz
-80 to +8 dBm
3 GHz to 20 GHz
-80 to +7 dBm
6813 + Option 012 (90 dB Step Attenuator)
10 MHz to 3 GHz
-100 to +8 dBm
3 GHz to 20 GHz
-100 to +7 dBm
6815/6815R + Option 013 (70 dB Step Attenuator)
10 MHz to 8 GHz
-10 to +6 dBm
+8 dBm typ
8 GHz to 20 GHz
-10 to +2 dBm
+4 dBm typ
20 GHz to 24 GHz
-10 to +1 dBm
+3 dBm typ
24 GHz to 40 GHz
-10 to -3 dBm
0 dBm typ
Note: For option 002 (Field Replaceable connectors) guaranteed levelled output is
reduced by 0.5 dB.
Settable Power Range*
-110 dBm to +20 dBm *dependant on attenuator option
Settable Power Resolution
0.01 dB
Power Sweep Range (from Maximum Levelled Power) Without
Attenuator
>20 dB
External Frequency Modulation
Peak deviation (1 V peak input)
10 MHz - 375 MHz
1 kHz to 5 MHz
375 MHz - 750 MHz
250 Hz to 1.25 MHz
750 MHz - 1.5 GHz
500 Hz to 2.5 MHz
1.5 GHz - 3 GHz
1 kHz to 5 MHz
3 GHz - 46 GHz
20 kHz to 1 MHz
Accuracy (1 kHz modulating frequency) 20-400 kHz deviation
±3 % of indication ±1 Hz excluding residual FM
-3 dB bandwidth, AC coupled mode
10 MHz - 3 GHz
<100 Hz to >1 MHz typical
3 GHz - 46 GHz
<100 Hz to >500 kHz typical
-3 dB bandwidth, DC coupled mode
10 MHz - 3 GHz
DC to >1 MHz typical
3 GHz - 46 GHz
DC to >500 kHz typical
Internal Modulation Generator Option 023 & 022 (Group Delay)
FM Source
Modulation signal: sinewave, 0.1 Hz to 500 kHz, resolution 0.1 Hz
Other specifications as for External Frequency Modulation except:
Accuracy (1 kHz modulating frequency) 20 - 400 kHz deviation ±5 %
of indication ±1 Hz excluding residual FM
Pulse Generator Source
Modes
Single Pulse
Trigger Modes
External, Internal continuous
Pulse Widths (PW)
120 ns to >1 second
Resolution
120 ns
Pulse Period (PRI)
240ns to 7 seconds (PRF <1 Hz to
4.16 MHz)
Resolution
120 ns
Pulse Delay
Zero to 100 ms where zero is <120 ns ref
trigger or sync pulse falling edge
Resolution
120 ns
Sync Output
120 ns pulse referred to trigger. Available
at trigger socket
Inputs/Outputs
Trigger in/out
Rear panel BNC connector provides
either trigger input or sync output
dependant upon trigger mode. TTL level
Internal Levelling Accuracy at 0 dBm (no options fitted)
10 MHz to 3 GHz, ± 0.7 dB
3 GHz to 24 GHz, ± 1.0 dB
24 GHz to 40 GHz, ± 1.5 dB
Levelled Power Accuracy With Options 011, 012 and 013
10 MHz to 3 GHz <±1 dB
(± 0.3 dB ± 2% of attenuator setting in dB whichever is greater)
3 GHz to 24 GHz <±1 dB
(± 1 dB ± 4% of attenuator setting in dB whichever is the greater)
24 GHz to 40 GHz <±1.5 dB
(± 1 dB ± 4% of attenuator setting in dB whichever is the greater)
Linearity (No Options Fitted) Over Levelled Power Range Relative
to 0 dBm
10 MHz to 40 GHz
<±0.5 dB
Power Stability With Temperature (Typical)
10 MHz to 40 GHz
<0.1 dB/°C
Harmonics and Sub-Harmonics Over Levelled Power Range
Harmonics
<70 MHz, <-25 dBc
70 MHz to 24 GHz, <-55 dBc
24 GHz to 40 GHz, <-20 dBc
Sub-Harmonics
10 MHz to 3 GHz, <-60 dBc
3 GHz to 20 GHz, none
24 GHz to 40 GHz, <-40 dBc
Spurious Signals (Typical)
For carrier frequencies <375 MHz
Offset: 30 kHz to 150 kHz, <-50 dBc
150 kHz to 1 MHz, <-55 dBc
> 1 MHz, <-55 dBc
6815.qxd
02/Dec/2004
13:39
Page 2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com