Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IFR6813 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # IFR6813
Description  Microwave Generator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

IFR6813 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  IFR6813 Datasheet HTML 1Page - Aeroflex Circuit Technology IFR6813 Datasheet HTML 2Page - Aeroflex Circuit Technology IFR6813 Datasheet HTML 3Page - Aeroflex Circuit Technology IFR6813 Datasheet HTML 4Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ELECTROMAGNETIC COMPATIBILITY
Conforms with the protection requirements of the EEC Council Directive
89/336/EEC. Conforms with the limits specified in the following stan-
dards:
IEC/EN61326-1 : 1997, RF Emission Class B, Immunity Table 1,
Performance Criteria B
SAFETY
Conforms with the requirements of EEC Council Directive 73/23/EEC
(as amended) and the product safety standard IEC/EN 61010-1 :
2001 + C1 : 2002 + C2 : 2003 for class 1 portable equipment, for
use in a Pollution Degree 2 environment. The instrument is designed to
be operated from an Installation Category 2 supply.
V
VE
ER
RS
SIIO
ON
NS
S A
AN
ND
D O
OP
PT
TIIO
ON
NS
S
When ordering please quote the full ordering number information.
Ordering
Numbers
Versions
6813
10 MHz to 20 GHz Generator
6815
10 MHz to 46 GHz Generator
6815R
10 MHz to 40 GHz Generator
Supplied Accessories
46882/662
Operating Manual
43123/076
AC Supply Lead
37591/755
Front Panel Cover
Options
002
Field Replaceable Precision N (f) or 3.5 mm (f) RF
Connectors (6813), 2.92 mm (f) 6815, 6815R
011
20 GHz 70 dB Step Attenuator
(only available for 6813)
012
26.5 GHz 90 dB Step Attenuator
(only available for 6813)
013
40 GHz 70 dB Step Attenuator (only available for 6815)
023
Internal Modulation
024
Trigger board
Complementary Product
6146
500 MHz to 18 GHz Pulse Modulator
6147
70 MHz to 40 GHz Pulse Modulator
54441/019
AC Power Supply for 6146 & 6147
Note : All specifications quoted are for operation at calibration temperature ±3°C.
Specifications involving Type N connectors above 18 GHz are not traceable to
national standards as these do not exist at present.
Specifications involving 2.92 mm connectors above 40 GHz are not traceable to
national standards as these do not exist at present.
Typical specifications are non-warranted.
A
AC
CC
CE
ES
SS
SO
OR
RIIE
ES
S
6230A/L SCALAR DETECTORS
Accessories for level calibration
6230A series
Standard Detectors (-65 dBm to +20 dBm) typical
ACCESSORIES
Miscellaneous Electrical Cables
43129/189
GPIB Cable
43139/042
BNC (m) to BNC (m) 1.5 m
Standard Microwave Cables
54351/022
0.5 m, 18 GHz, N (m) to N (m)
54351/025
0.5 m, 26.5 GHz, 3.5 mm (m) to 3.5 mm (m)
54351/027
0.5 m, 40 GHz, 2.92 mm (m) to 2.92 mm (m)
Attenuators
56534/901
Precision Fixed Coaxial Attenuator 3 dB DC to 18 GHz
5 W, N(m) to N(f)
56534/902
Precision Fixed Coaxial Attenuator 6 dB DC to 18 GHz
5 W, N(m) to N(f)
56534/903
Precision Fixed Coaxial Attenuator 10 dB DC to 18 GHz
5 W, N(m) to N(f)
56534/904
Precision Fixed Coaxial Attenuator 20 dB DC to 18 GHz
5 W, N(m) to N(f)
MISCELLANEOUS
46885/038
Rack Mount Kit for 6800
46880
Service Manual
46882/351
Maintenance Manual
84501
Soft Carrying Case
46662/695
Flight Case
54152/001
3.5 mm Torque Wrench
54211/008
Compact Keyboard
Part No. 46891/167, Issue 2, 11/04
CHINA Beijing
Tel: [+86] (10) 6467 2761 2716
Fax: [+86] (10) 6467 2821
CHINA Shanghai
Tel: [+86] (21) 6282 8001
Fax: [+86] (21) 62828 8002
FINLAND
Tel: [+358] (9) 2709 5541
Fax: [+358] (9) 804 2441
FRANCE
Tel: [+33] 1 60 79 96 00
Fax: [+33] 1 60 77 69 22
GERMANY
Tel: [+49] 8131 2926-0
Fax: [+49] 8131 2926-130
HONG KONG
Tel: [+852] 2832 7988
Fax: [+852] 2834 5364
INDIA
Tel: [+91] 80 5115 4501
Fax: [+91] 80 5115 4502
KOREA
Tel: [+82] (2) 3424 2719
Fax: [+82] (2) 3424 8620
SCANDINAVIA
Tel: [+45] 9614 0045
Fax: [+45] 9614 0047
SPAIN
Tel: [+34] (91) 640 11 34
Fax: [+34] (91) 640 06 40
UK Burnham
Tel: [+44] (0) 1682 604455
Fax: [+44] (0) 1682 662017
UK Stevenage
Tel: [+44] (0) 1438 742200
Fax: [+44] (0) 1438 727601
Freephone: 0800 282388
USA
Tel: [+1] (316) 522 4981
Fax: [+1] (316) 522 1360
Toll Free: 800 835 2352
w w w .aerofle x.com
info -t est@aerofle x.com
As we are always seeking to improve our products,
the information in this document gives only a general
indication of the product capacity, performance and
suitability, none of which shall form part of any con-
tract. We reserve the right to make design changes
without notice. All trademarks are acknowledged.
Parent company Aeroflex, Inc. ©Aeroflex 2004.
6815.qxd
02/Dec/2004
13:40
Page 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com