Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CSS275101R0024 Datasheet(PDF) 2 Page - ABB

Part # 2CSS275101R0024
Description  Miniature circuit breaker - SN201M - 1NP - C - 2 ampere
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

2CSS275101R0024 Datasheet(HTML) 2 Page - ABB

  2CSS275101R0024 Datasheet HTML 1Page - ABB 2CSS275101R0024 Datasheet HTML 2Page - ABB 2CSS275101R0024 Datasheet HTML 3Page - ABB 2CSS275101R0024 Datasheet HTML 4Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Capacity (Icn)
10 kA
Rated Ultimate Short-
Circuit Breaking Capacity
(Icu)
7.5 kA
Rated Service Short-
Circuit Breaking Capacity
(Ics)
3
Energy Limiting Class
III
Overvoltage Category
2
Pollution Degree
4 kV
Rated Impulse Withstand
Voltage (Uimp)
2.5 kV
Dielectric Test Voltage
Toggle - Insulation group IIIA, black, sealable in ON/OFF positions
Actuator Type
I /0
Contact Position
Indication
Housing IP40
Terminals IP20
Degree of Protection
10000 cycle
Electrical Endurance
20000 cycle
Flexible 10/10 mm²
Stranded 16/16 mm²
Solid 16/16 mm²
Connecting Capacity
1.2 N·m
Tightening Torque
Any
Mounting Position
69 mm
Built-In Depth (t2)
Right
Position of Neutral
Terminals
Arbitrary
Power Supply Connection
Environmental
Operation -25...55 °C
Ambient Air Temperature
30 °C
Reference Ambient Air
Temperature
30g / 2 shocks / 13 ms
Resistance to Shock acc.
to IEC 60068-2-27
0.35 mm or 5 g - 20 cycles at 5…150…5 Hz
Resistance to Vibrations
acc. to IEC 60068-2-6
28 cycles
with 55 °C / 90-96 %
and 25 °C / 95-100 %
Environmental Conditions
Following EU Directive 2011/65/EU
RoHS Status
Dimensions
0.018 m
Product Net Width
0.069 m
Product Net Depth /
Length
0.085 m
Product Net Height
0.110 kg
Product Net Weight
2
SN201 M-C2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com