Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CSS275101R0024 Datasheet(PDF) 1 Page - ABB

Part # 2CSS275101R0024
Description  Miniature circuit breaker - SN201M - 1NP - C - 2 ampere
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

2CSS275101R0024 Datasheet(HTML) 1 Page - ABB

  2CSS275101R0024 Datasheet HTML 1Page - ABB 2CSS275101R0024 Datasheet HTML 2Page - ABB 2CSS275101R0024 Datasheet HTML 3Page - ABB 2CSS275101R0024 Datasheet HTML 4Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Miniature circuit breaker - SN201M - 1+NP - C -
2 ampere
SN201 M-C2
Extended Product Type
SN201 M-C2
Product ID
2CSS275101R0024
EAN
8012542093855
Catalog Description
Miniature circuit breaker - SN201M - 1+NP - C - 2 ampere
Long Description
The SN201 series miniature circuit breaker is a 1P+N single-module device for the
protection of circuits against overload and short circuit. It is suitable for the application in
final distribution and protection of long cable lenghts in TN and IT systems
General Information
PRODUCT-DETAILS
Technical
IEC/EN 60898-1
Standards
1+N
Number of Poles
1
Number of Protected
Poles
C
Tripping Characteristic
2 A
Rated Current (In)
acc. to IEC 60898-1 230 V AC
Rated Operational Voltage
at Rated Operating Conditions per Pole 2.1 W
Power Loss
500 V
Rated Insulation Voltage
(Ui)
(230 / 400 V AC) 10 kA
Rated Short-Circuit


Similar Part No. - 2CSS275101R0024

ManufacturerPart #DatasheetDescription
logo
ABB
2CSS200910R0005 ABB-2CSS200910R0005 Datasheet
165Kb / 4P
F204 A-100/0.03 110V Residual Current Circuit Breaker 4P A type 30 mA
2023/08/08
2CSS200910R0005 ABB-2CSS200910R0005 Datasheet
147Kb / 4P
F204 B-40/0.3 Residual Current Circuit Breaker 4P B type 300 mA
2023/08/08
2CSS200911R0001 ABB-2CSS200911R0001 Datasheet
96Kb / 4P
SD202/63 Switch Disconnector 2P, 63A
2CSS200911R0001 ABB-2CSS200911R0001 Datasheet
165Kb / 4P
F204 A-100/0.03 110V Residual Current Circuit Breaker 4P A type 30 mA
2023/08/08
2CSS200911R0001 ABB-2CSS200911R0001 Datasheet
147Kb / 4P
F204 B-40/0.3 Residual Current Circuit Breaker 4P B type 300 mA
2023/08/08
More results

Similar Description - 2CSS275101R0024

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QOB120 ETC2-QOB120 Datasheet
101Kb / 1P
Miniature Circuit Breaker , 120/240VAC, 20A, 1-Phase
logo
Schneider Electric
A9F04703 SCHNEIDER-A9F04703 Datasheet
158Kb / 3P
iC60N - miniature circuit breaker - 3P N - 3A - C curve
2019. 10. 22
A9F44220 SCHNEIDER-A9F44220 Datasheet
81Kb / 2P
Acti9 iC60N 2P 20A C Miniature Circuit breaker
23-Feb-2021
A9K24340 SCHNEIDER-A9K24340 Datasheet
79Kb / 2P
miniature circuit breaker - iK60N - 3P - 40 A - C curve
23-Feb-2021
A9N61526 SCHNEIDER-A9N61526 Datasheet
81Kb / 2P
miniature circuit breaker - C60H - 2 poles - 6 A C curve
23-Feb-2021
logo
PHOENIX CONTACT
103906 PHOENIX-103906 Datasheet
625Kb / 12P
Electronic miniature circuit-breaker
09/2009
logo
Schneider Electric
A9N61521 SCHNEIDER-A9N61521 Datasheet
114Kb / 3P
miniature circuit breaker - C60H - 2 poles - 1 A - C curve
Nov 3, 2022
logo
Siemens Semiconductor G...
5SY6110-7 SIEMENS-5SY6110-7 Datasheet
371Kb / 6P
Miniature circuit breaker 230/400 V 6kA, 1-pole, C, 10A, D=70 mm
3/30/2023
logo
Eaton All Rights Reserv...
FAZ-C61 EATON-FAZ-C61 Datasheet
121Kb / 3P
Miniature circuit breaker (MCB), 6 A, 1p, characteristic: C
04/06/2023
logo
Schneider Electric
NS80H SCHNEIDER-NS80H Datasheet
177Kb / 3P
MINIATURE CIRCUIT BREAKER 50A
17 October 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com