Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CSS275101R0024 Datasheet(PDF) 3 Page - ABB

Part # 2CSS275101R0024
Description  Miniature circuit breaker - SN201M - 1NP - C - 2 ampere
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

2CSS275101R0024 Datasheet(HTML) 3 Page - ABB

  2CSS275101R0024 Datasheet HTML 1Page - ABB 2CSS275101R0024 Datasheet HTML 2Page - ABB 2CSS275101R0024 Datasheet HTML 3Page - ABB 2CSS275101R0024 Datasheet HTML 4Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Container Information
6 piece
Package Level 1 Units
0.11 m
Package Level 1 Width
0.092 m
Package Level 1 Depth /
Length
0.075 m
Package Level 1 Height
0.684 kg
Package Level 1 Gross
Weight
8012542093862
Package Level 1 EAN
Ordering
1 piece
Minimum Order Quantity
85362010
Customs Tariff Number
Certificates and Declarations (Document Number)
9AKK106713A5572
Declaration of Conformity
- CE
refer to RoHS information
Environmental Information
document not needed
Instructions and Manuals
Popular Downloads
2CSC400002D0209
Data Sheet, Technical
Information
document not needed
Instructions and Manuals
Classifications
Q
Object Classification Code
EC000042 - Miniature circuit breaker (MCB)
ETIM 6
EC000042 - Miniature circuit breaker (MCB)
ETIM 7
Low Voltage Products and Systems → Modular DIN Rail Products → Miniature Circuit Breakers MCBs
Categories
3
SN201 M-C2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com