Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z58MH Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48Z58MH
Description  64 Kbit 8Kb x 8 ZEROPOWER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z58MH Datasheet(HTML) 1 Page - STMicroelectronics

  M48Z58MH Datasheet HTML 1Page - STMicroelectronics M48Z58MH Datasheet HTML 2Page - STMicroelectronics M48Z58MH Datasheet HTML 3Page - STMicroelectronics M48Z58MH Datasheet HTML 4Page - STMicroelectronics M48Z58MH Datasheet HTML 5Page - STMicroelectronics M48Z58MH Datasheet HTML 6Page - STMicroelectronics M48Z58MH Datasheet HTML 7Page - STMicroelectronics M48Z58MH Datasheet HTML 8Page - STMicroelectronics M48Z58MH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
M48Z58
M48Z58Y
64 Kbit (8Kb x 8) ZEROPOWER
® SRAM
March 1999
1/17
INTEGRATED ULTRA LOW POWER SRAM,
POWER-FAIL CONTROL CIRCUIT and
BATTERY
READ CYCLE TIME EQUALS WRITE CYCLE
TIME
AUTOMATIC POWER-FAIL CHIP DESELECT and
WRITE PROTECTION
WRITE PROTECT VOLTAGES
(VPFD = Power-fail Deselect Voltage):
– M48Z58: 4.50V
≤ VPFD ≤ 4.75V
– M48Z58Y: 4.20V
≤ VPFD ≤ 4.50V
SELF-CONTAINED BATTERY in the CAPHAT
DIP PACKAGE
PACKAGING INCLUDES a 28-LEAD SOIC
and SNAPHAT® TOP
(to be Ordered Separately)
SOIC PACKAGE PROVIDES DIRECT
CONNECTION for a SNAPHAT TOP which
CONTAINS the BATTERY and CRYSTAL
PIN and FUNCTION COMPATIBLE with
JEDEC STANDARD 8K x 8 SRAMs
DESCRIPTION
The M48Z58/58Y ZEROPOWER® RAM is an 8K x
8 non-volatile static RAM that integrates power-fail
deselect circuitry and battery control logic on a
single die. The monolithic chip is available in two
special packages to provide a highly integrated
battery backed-up memory solution.
AI01176B
13
A0-A12
W
DQ0-DQ7
VCC
M48Z58
M48Z58Y
G
VSS
8
E
Figure 1. Logic Diagram
A0-A12
Address Inputs
DQ0-DQ7
Data Inputs / Outputs
E
Chip Enable
G
Output Enable
W
Write Enable
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
28
1
PCDIP28 (PC)
Battery CAPHAT
SNAPHAT (SH)
Battery
28
1
SOH28 (MH)


Similar Part No. - M48Z58MH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z58 STMICROELECTRONICS-M48Z58 Datasheet
218Kb / 23P
5V, 64Kbit (8Kbit x 8) ZEROPOWER SRAM
06-Nov-2007
M48Z58-70MH1E STMICROELECTRONICS-M48Z58-70MH1E Datasheet
218Kb / 23P
5V, 64Kbit (8Kbit x 8) ZEROPOWER SRAM
06-Nov-2007
M48Z58-70MH1F STMICROELECTRONICS-M48Z58-70MH1F Datasheet
218Kb / 23P
5V, 64Kbit (8Kbit x 8) ZEROPOWER SRAM
06-Nov-2007
M48Z58-70PC1E STMICROELECTRONICS-M48Z58-70PC1E Datasheet
218Kb / 23P
5V, 64Kbit (8Kbit x 8) ZEROPOWER SRAM
06-Nov-2007
M48Z58-70PC1F STMICROELECTRONICS-M48Z58-70PC1F Datasheet
218Kb / 23P
5V, 64Kbit (8Kbit x 8) ZEROPOWER SRAM
06-Nov-2007
More results

Similar Description - M48Z58MH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T58 STMICROELECTRONICS-M48T58 Datasheet
135Kb / 17P
64 Kbit 8Kb x8 TIMEKEEPER SRAM
Jul-1999
M48T59 STMICROELECTRONICS-M48T59 Datasheet
168Kb / 21P
64 Kbit 8Kb x8 TIMEKEEPER SRAM
Oct-1999
M48Z02 STMICROELECTRONICS-M48Z02 Datasheet
85Kb / 12P
16 Kbit 2Kb x 8 ZEROPOWER SRAM
May-1999
M48Z08 STMICROELECTRONICS-M48Z08 Datasheet
141Kb / 18P
64 Kbit 8Kb x 8 ZEROPOWER SRAM
Mar-1999
M48Z32V STMICROELECTRONICS-M48Z32V Datasheet
329Kb / 16P
3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
Mar-2004
M48Z35AV-10PC1 STMICROELECTRONICS-M48Z35AV-10PC1 Datasheet
146Kb / 20P
256 Kbit (32 Kbit x 8) ZEROPOWER SRAM
29-May-2002
M48Z12 STMICROELECTRONICS-M48Z12 Datasheet
231Kb / 16P
5V, 16 Kbit (2Kb x 8) ZEROPOWER SRAM
M48Z512A STMICROELECTRONICS-M48Z512A_06 Datasheet
252Kb / 24P
4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
21-Dec-2006
M48Z08 STMICROELECTRONICS-M48Z08_05 Datasheet
283Kb / 16P
5V, 64 Kbit (8Kb x 8) ZEROPOWER® SRAM
Dec-2005
M48Z58 STMICROELECTRONICS-M48Z58_11 Datasheet
417Kb / 24P
5 V, 64 Kbit (8 Kbit x 8) ZEROPOWER® SRAM
07-Jun-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com