Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW080N5TP Datasheet(PDF) 45 Page - STMicroelectronics

Part # M50FW080N5TP
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW080N5TP Datasheet(HTML) 45 Page - STMicroelectronics

Back Button M50FW080N5TP Datasheet HTML 41Page - STMicroelectronics M50FW080N5TP Datasheet HTML 42Page - STMicroelectronics M50FW080N5TP Datasheet HTML 43Page - STMicroelectronics M50FW080N5TP Datasheet HTML 44Page - STMicroelectronics M50FW080N5TP Datasheet HTML 45Page - STMicroelectronics M50FW080N5TP Datasheet HTML 46Page - STMicroelectronics M50FW080N5TP Datasheet HTML 47Page - STMicroelectronics M50FW080N5TP Datasheet HTML 48Page - STMicroelectronics M50FW080N5TP Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
M50FW080
Package mechanical
45/55
10
Package mechanical
Figure 15.
PLCC32 – 32 pin Rectangular Plastic Leaded Chip Carrier, package
outline
1.
Drawing is not to scale.
Table 26.
PLCC32 – 32 pin Rectangular Plastic Leaded Chip Carrier, package data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
3.18
3.56
0.125
0.140
A1
1.53
2.41
0.060
0.095
A2
0.38
–
0.015
–
B
0.33
0.53
0.013
0.021
B1
0.66
0.81
0.026
0.032
CP
0.10
0.004
D
12.32
12.57
0.485
0.495
D1
11.35
11.51
0.447
0.453
D2
4.78
5.66
0.188
0.223
D3
7.62
–
–
0.300
–
–
E
14.86
15.11
0.585
0.595
E1
13.89
14.05
0.547
0.553
E2
6.05
6.93
0.238
0.273
E3
10.16
–
–
0.400
–
–
e1.27
–
–
0.050
–
–
F
0.00
0.13
0.000
0.005
R0.89
–
–
0.035
–
–
N32
32
PLCC-A
D
E3
E1 E
1 N
D1
D3
CP
B
E2
e
B1
A1
A
R
0.51 (.020)
1.14 (.045)
F
A2
E2
D2
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com