Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW080N5TP Datasheet(PDF) 47 Page - STMicroelectronics

Part # M50FW080N5TP
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW080N5TP Datasheet(HTML) 47 Page - STMicroelectronics

Back Button M50FW080N5TP Datasheet HTML 43Page - STMicroelectronics M50FW080N5TP Datasheet HTML 44Page - STMicroelectronics M50FW080N5TP Datasheet HTML 45Page - STMicroelectronics M50FW080N5TP Datasheet HTML 46Page - STMicroelectronics M50FW080N5TP Datasheet HTML 47Page - STMicroelectronics M50FW080N5TP Datasheet HTML 48Page - STMicroelectronics M50FW080N5TP Datasheet HTML 49Page - STMicroelectronics M50FW080N5TP Datasheet HTML 50Page - STMicroelectronics M50FW080N5TP Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
M50FW080
Package mechanical
47/55
Figure 17.
TSOP40 – 40 lead Plastic Thin Small Outline, 10 x 20mm, package outline
1.
Drawing is not to scale.
Table 28.
TSOP40 – 40 lead Plastic Thin Small Outline, 10 x 20mm, package
mechanical data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A1.200
0
A1
0.050
0.150
0
0
A2
0.950
1.050
0
0
B
0.170
0.270
0
0
C
0.100
0.210
0
0
CP
0.100
0
D
19.800
20.200
1
1
D1
18.300
18.500
1
1
e
0.500
––
0–
–
E
9.900
10.100
0
0
L
0.500
0.700
0
0
α
0°
5°
0°
5°
N40
40
TSOP-a
D1
E
1
N
CP
B
e
A2
A
N/2
D
DIE
C
L
A1
α



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com