Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW080N5TP Datasheet(PDF) 48 Page - STMicroelectronics

Part # M50FW080N5TP
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW080N5TP Datasheet(HTML) 48 Page - STMicroelectronics

Back Button M50FW080N5TP Datasheet HTML 44Page - STMicroelectronics M50FW080N5TP Datasheet HTML 45Page - STMicroelectronics M50FW080N5TP Datasheet HTML 46Page - STMicroelectronics M50FW080N5TP Datasheet HTML 47Page - STMicroelectronics M50FW080N5TP Datasheet HTML 48Page - STMicroelectronics M50FW080N5TP Datasheet HTML 49Page - STMicroelectronics M50FW080N5TP Datasheet HTML 50Page - STMicroelectronics M50FW080N5TP Datasheet HTML 51Page - STMicroelectronics M50FW080N5TP Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
Part numbering
M50FW080
48/55
11
Part numbering
Devices are shipped from the factory with the memory content bits erased to ’1’.
For a list of available options (Speed, Package, etc.) or for further information on any aspect
of this device, please contact the ST Sales Office nearest to you.
The category of second-Level Interconnect is marked on the package and on the inner box
label, in compliance with JEDEC Standard JESD97. The maximum ratings related to
soldering conditions are also marked on the inner box label.
Table 29.
Ordering information scheme
Example:
M50FW080
N
5
T
G
Device Type
M50 = Flash Memory for PC BIOS
Architecture
F = Firmware Hub Interface
Operating Voltage
W = VCC = 3.0 to 3.6V
Device Function
080 = 8 Mbit (1Mbx8), Uniform Blocks
Package
K = PLCC32
NB = TSOP32: 8 x 14mm(1)
1.
Devices sold in this package are Not Recommended for New Design.
N = TSOP40: 10 x 20mm
Device Grade
5 = Temperature range –20 to 85 °C.
Device tested with standard test flow
Option
blank = Standard Packing
T = Tape and Reel Packing
Plating Technology
P or G = ECOPACK® (RoHs compliant)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com