Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW080N5G Datasheet(PDF) 18 Page - STMicroelectronics

Part # M50FW080N5G
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW080N5G Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M50FW080N5G Datasheet HTML 14Page - STMicroelectronics M50FW080N5G Datasheet HTML 15Page - STMicroelectronics M50FW080N5G Datasheet HTML 16Page - STMicroelectronics M50FW080N5G Datasheet HTML 17Page - STMicroelectronics M50FW080N5G Datasheet HTML 18Page - STMicroelectronics M50FW080N5G Datasheet HTML 19Page - STMicroelectronics M50FW080N5G Datasheet HTML 20Page - STMicroelectronics M50FW080N5G Datasheet HTML 21Page - STMicroelectronics M50FW080N5G Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
Bus operations
M50FW080
18/55
3.1.3
Bus Abort
The Bus Abort operation can be used to immediately abort the current bus operation. A Bus
Abort occurs when FWH4 is driven Low, VIL, during the bus operation; the memory will tri-
state the Input/Output Communication pins, FWH0-FWH3.
Note that, during a Bus Write operation, the Command Interface starts executing the
command as soon as the data is fully received; a Bus Abort during the final TAR cycles is
not guaranteed to abort the command; the bus, however, will be released immediately.
3.1.4
Standby
When FWH4 is High, VIH, the memory is put into Standby mode where FWH0-FWH3 are
put into a high-impedance state and the Supply Current is reduced to the Standby level,
ICC1.
3.1.5
Reset
During Reset mode all internal circuits are switched off, the memory is deselected and the
outputs are put in high-impedance. The memory is in Reset mode when Interface Reset, RP,
or CPU Reset, INIT, is Low, VIL. RP or INIT must be held Low, VIL, for tPLPH. The memory
resets to Read mode upon return from Reset mode and the Lock Registers return to their
default states regardless of their state before Reset, see Table 14. If RP or INIT goes Low,
VIL, during a Program or Erase operation, the operation is aborted and the memory cells
affected no longer contain valid data; the memory can take up to tPLRH to abort a Program
or Erase operation.
3.1.6
Block Protection
Block Protection can be forced using the signals Top Block Lock, TBL, and Write Protect,
WP, regardless of the state of the Lock Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com