Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW080N5G Datasheet(PDF) 26 Page - STMicroelectronics

Part # M50FW080N5G
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW080N5G Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M50FW080N5G Datasheet HTML 22Page - STMicroelectronics M50FW080N5G Datasheet HTML 23Page - STMicroelectronics M50FW080N5G Datasheet HTML 24Page - STMicroelectronics M50FW080N5G Datasheet HTML 25Page - STMicroelectronics M50FW080N5G Datasheet HTML 26Page - STMicroelectronics M50FW080N5G Datasheet HTML 27Page - STMicroelectronics M50FW080N5G Datasheet HTML 28Page - STMicroelectronics M50FW080N5G Datasheet HTML 29Page - STMicroelectronics M50FW080N5G Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
Command interface
M50FW080
26/55
4.9
Program/Erase Suspend command
The Program/Erase Suspend command can be used to pause a Program or Block Erase
operation. One Bus Write cycle is required to issue the Program/Erase Suspend command
and pause the Program/Erase Controller. Once the command is issued it is necessary to
poll the Program/Erase Controller Status bit to find out when the Program/Erase Controller
has paused; no other commands will be accepted until the Program/Erase Controller has
paused. After the Program/Erase Controller has paused, the memory will continue to output
the Status Register until another command is issued.
During the polling period between issuing the Program/Erase Suspend command and the
Program/Erase Controller pausing it is possible for the operation to complete. Once
Program/Erase Controller Status bit indicates that the Program/Erase Controller is no longer
active, the Program Suspend Status bit or the Erase Suspend Status bit can be used to
determine if the operation has completed or is suspended. For timing on the delay between
issuing the Program/Erase Suspend command and the Program/Erase Controller pausing
see Table 14.
During Program/Erase Suspend the Read Memory Array, Read Status Register, Read
Electronic Signature and Program/Erase Resume commands will be accepted by the
Command Interface. Additionally, if the suspended operation was Block Erase then the
Program command will also be accepted; only the blocks not being erased may be read or
programmed correctly.
See Figure 20, and Figure 23, for suggested flowcharts on using the Program/Erase
Suspend command.
4.10
Program/Erase Resume command
The Program/Erase Resume command can be used to restart the Program/Erase Controller
after a Program/Erase Suspend has paused it. One Bus Write cycle is required to issue the
Program/Erase Resume command. Once the command is issued subsequent Bus Read
operations read the Status Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com