Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW080N5G Datasheet(PDF) 19 Page - STMicroelectronics

Part # M50FW080N5G
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW080N5G Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M50FW080N5G Datasheet HTML 15Page - STMicroelectronics M50FW080N5G Datasheet HTML 16Page - STMicroelectronics M50FW080N5G Datasheet HTML 17Page - STMicroelectronics M50FW080N5G Datasheet HTML 18Page - STMicroelectronics M50FW080N5G Datasheet HTML 19Page - STMicroelectronics M50FW080N5G Datasheet HTML 20Page - STMicroelectronics M50FW080N5G Datasheet HTML 21Page - STMicroelectronics M50FW080N5G Datasheet HTML 22Page - STMicroelectronics M50FW080N5G Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
M50FW080
Bus operations
19/55
3.2
Address/Address Multiplexed (A/A Mux) bus operations
The Address/Address Multiplexed (A/A Mux) Interface has a more traditional style interface.
The signals consist of a multiplexed address signals (A0-A10), data signals, (DQ0-DQ7) and
three control signals (RC, G, W). An additional signal, RP, can be used to reset the memory.
The Address/Address Multiplexed (A/A Mux) Interface is included for use by Flash
Programming equipment for faster factory programming. Only a subset of the features
available to the Firmware Hub (FWH) Interface are available; these include all the
Commands but exclude the Security features and other registers.
The following operations can be performed using the appropriate bus cycles: Bus Read, Bus
Write, Output Disable and Reset.
When the Address/Address Multiplexed (A/A Mux) Interface is selected all the blocks are
unprotected. It is not possible to protect any blocks through this interface.
3.2.1
Bus Read
Bus Read operations are used to output the contents of the Memory Array, the Electronic
Signature and the Status Register. A valid Bus Read operation begins by latching the Row
Address and Column Address signals into the memory using the Address Inputs, A0-A10,
and the Row/Column Address Select RC. Then Write Enable (W) and Interface Reset (RP)
must be High, VIH, and Output Enable, G, Low, VIL, in order to perform a Bus Read
operation. The Data Inputs/Outputs will output the value, see Figure 13 and Table 24, for
details of when the output becomes valid.
3.2.2
Bus Write
Bus Write operations write to the Command Interface. A valid Bus Write operation begins by
latching the Row Address and Column Address signals into the memory using the Address
Inputs, A0-A10, and the Row/Column Address Select RC. The data should be set up on the
Data Inputs/Outputs; Output Enable, G, and Interface Reset, RP, must be High, VIH and
Write Enable, W, must be Low, VIL. The Data Inputs/Outputs are latched on the rising edge
of Write Enable, W. See Figure 14 and Table 25, for details of the timing requirements.
3.2.3
Output Disable
The data outputs are high-impedance when the Output Enable, G, is at VIH.
3.2.4
Reset
During Reset mode all internal circuits are switched off, the memory is deselected and the
outputs are put in high-impedance. The memory is in Reset mode when RP is Low, VIL. RP
must be held Low, VIL for tPLPH. If RP is goes Low, VIL, during a Program or Erase operation,
the operation is aborted and the memory cells affected no longer contain valid data; the
memory can take up to tPLRH to abort a Program or Erase operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com