Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC0212 Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # IPC0212
Description  QFN-54 to DIP-58 SMT Adapter (0.5 mm pitch, 10 x 5.5 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0212 Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0212 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0212 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
QFN-54 to DIP-58 SMT Adapter (0.5 mm pitch, 10 x 5.5 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.70
A2
9.20
B
0.60
C
0.25
B2
3.50
C2
7.50
D
0.25
D2
0.60
E
0.50
F
0.600
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2007-2017 Proto Advantage™
A
B
C
D
E
B2
C2
D2
A2
IIP
PC
C0
02
21
12
2


Similar Part No. - IPC0212

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0210 PROTOADVANTAGE-IPC0210 Datasheet
107Kb / 2P
DFN-12 to DIP-16 SMT Adapter (0.8 mm pitch, 5 x 4.5 mm body)
revision 1.0
IPC0211 PROTOADVANTAGE-IPC0211 Datasheet
107Kb / 2P
DFN-12 to DIP-16 SMT Adapter (0.8 mm pitch, 5 x 4.5 mm body)
revision 1.0
IPC0213 PROTOADVANTAGE-IPC0213 Datasheet
107Kb / 2P
QFN-10 to DIP-14 SMT Adapter (0.5 mm pitch, 3 x 2 mm body)
revision 1.0
IPC0214 PROTOADVANTAGE-IPC0214 Datasheet
108Kb / 2P
MLP-12/DFN-12 to DIP-16 SMT Adapter (0.8 mm pitch, 5 x 4.5 mm body, 4 center pads 2.1x1mm & 1.65x1mm)
revision 1.0
IPC0215 PROTOADVANTAGE-IPC0215 Datasheet
107Kb / 2P
QFN-20 to DIP-24 SMT Adapter (0.5 mm pitch, 4.5 x 2.5 mm body)
revision 1.0
More results

Similar Description - IPC0212

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VVD1 VECTRON-VVD1 Datasheet
156Kb / 2P
SMD VCXO, Package: 14.4 mm x 9.6 mm x 5.5 mm SMD, Frequency Range: 1.0 MHz to 160.0 MHz
logo
GREATECS
RD1 GREATECS-RD1 Datasheet
314Kb / 1P
10 x 10 mm Rotary DIP Switches with 3:3 Pinout
RD2 GREATECS-RD2 Datasheet
272Kb / 1P
10 x 10 mm Rotary DIP Switches with 1:4 Pinout
RD82T GREATECS-RD82T Datasheet
376Kb / 2P
10 x 10 mm Sealed Rotary DIP Switches (THR)
RD83T GREATECS-RD83T Datasheet
394Kb / 2P
10 x 10 mm Sealed Rotary DIP Switches (THR)
logo
ILSI America LLC
ILCX05 ILSI-ILCX05 Datasheet
53Kb / 2P
4 Pad Ceramic Package, 5.5 mm x 11.9 mm
ZTT ILSI-ZTT Datasheet
46Kb / 2P
2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
ZTT-MG ILSI-ZTT-MG Datasheet
57Kb / 2P
2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
logo
NXP Semiconductors
NAFE11388 NXP-NAFE11388 Datasheet
226Kb / 7P
thermal enhanced very thin quad flat package, no leads, dimple wettable flank; 64 terminals, 0.5 mm pitch, 9 mm x 9 mm x 0.85 mm body
Rev. 1-29 December 2021
logo
FIBOX Enclosing innovat...
5070729 FIBOX-5070729 Datasheet
46Kb / 1P
Spacer 54 mm
31.07.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com