Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361 Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST72361
Description  8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST72361_07 Datasheet HTML 61Page - STMicroelectronics ST72361_07 Datasheet HTML 62Page - STMicroelectronics ST72361_07 Datasheet HTML 63Page - STMicroelectronics ST72361_07 Datasheet HTML 64Page - STMicroelectronics ST72361_07 Datasheet HTML 65Page - STMicroelectronics ST72361_07 Datasheet HTML 66Page - STMicroelectronics ST72361_07 Datasheet HTML 67Page - STMicroelectronics ST72361_07 Datasheet HTML 68Page - STMicroelectronics ST72361_07 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 224 page
background image
ST72361
65/224
PWM AUTO-RELOAD TIMER (Cont’d)
Input Capture Function
Input Capture mode allows the measurement of
external signal pulse widths through ARTICRx
registers.
Each input capture can generate an interrupt inde-
pendently on a selected input signal transition.
This event is flagged by a set of the corresponding
CFx bits of the Input Capture Control/Status regis-
ter (ARTICCSR).
These
input
capture
interrupts
are
enabled
through the CIEx bits of the ARTICCSR register.
The active transition (falling or rising edge) is soft-
ware programmable through the CSx bits of the
ARTICCSR register.
The read only input capture registers (ARTICRx)
are used to latch the auto-reload counter value
when a transition is detected on the ARTICx pin
(CFx bit set in ARTICCSR register). After fetching
the interrupt vector, the CFx flags can be read to
identify the interrupt source.
Note: After a capture detection, data transfer in
the ARTICRx register is inhibited until the next
read (clearing the CFx bit).
The timer interrupt remains pending while the CFx
flag is set when the interrupt is enabled (CIEx bit
set). This means, the ARTICRx register has to be
read at each capture event to clear the CFx flag.
The timing resolution is given by auto-reload coun-
ter cycle time (1/fCOUNTER).
Note: During HALT mode, input capture is inhibit-
ed (the ARTICRx is never reloaded) and only the
external interrupt capability can be used.
Note: The ARTICx signal is synchronized on CPU
clock. It takes two rising edges until ARTICRx is
latched with the counter value. Depending on the
prescaler value and the time when the ICAP event
occurs, the value loaded in the ARTICRx register
may be different.
If the counter is clocked with the CPU clock, the
value latched in ARTICRx is always the next coun-
ter value after the event on ARTICx occurred (Fig-
ure 45).
If the counter clock is prescaled, it depends on the
position of the ARTICx event within the counter cy-
cle (Figure 46).
Figure 45. Input Capture Timing Diagram, fCOUNTER = fCPU
04h
COUNTER
t
01h
fCOUNTER
xxh
02h
03h
05h
06h
07h
05h
ARTICx PIN
CFx FLAG
ICAP SAMPLED
INTERRUPT
fCPU
ICAP SAMPLED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com