Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST72361
Description  8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST72361_07 Datasheet HTML 30Page - STMicroelectronics ST72361_07 Datasheet HTML 31Page - STMicroelectronics ST72361_07 Datasheet HTML 32Page - STMicroelectronics ST72361_07 Datasheet HTML 33Page - STMicroelectronics ST72361_07 Datasheet HTML 34Page - STMicroelectronics ST72361_07 Datasheet HTML 35Page - STMicroelectronics ST72361_07 Datasheet HTML 36Page - STMicroelectronics ST72361_07 Datasheet HTML 37Page - STMicroelectronics ST72361_07 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 224 page
background image
ST72361
34/224
INTERRUPTS (Cont’d)
7.6 EXTERNAL INTERRUPTS
7.6.1 I/O Port Interrupt Sensitivity
The external interrupt sensitivity is controlled by
the ISxx bits in the EICR register (Figure 21). This
control allows up to four fully independent external
interrupt source sensitivities.
Each external interrupt source can be generated
on four (or five) different events on the pin:
■ Falling edge
■ Rising edge
■ Falling and rising edge
■ Falling edge and low level
To guarantee correct functionality, the sensitivity
bits in the EICR register can be modified only
when the I1 and I0 bits of the CC register are both
set to 1 (level 3). This means that interrupts must
be disabled before changing sensitivity.
The pending interrupts are cleared by writing a dif-
ferent value in the ISx[1:0] of the EICR.
Figure 21. External Interrupt Control Bits
IS10
IS11
EICR
SENSITIVITY
CONTROL
PBOR.0
PBDDR.0
PB0
ei1 INTERRUPT SOURCE
PORT B [5:0] INTERRUPTS
PB0
PB1
PB2
PB3
IS20
IS21
EICR
SENSITIVITY
CONTROL
PCOR.7
PCDDR.7
PC1
ei2 INTERRUPT SOURCE
PORT C [2:1] INTERRUPTS
PC1
PC2
IS00
IS01
EICR
SENSITIVITY
CONTROL
PAOR.0
PADDR.0
PA0
ei0 INTERRUPT SOURCE
PORT A [7:0] INTERRUPTS
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
/ AWUPR
AWUFH
Oscillator
To Timer Input Capture 1
PB4
PB5
IS30
IS31
EICR
SENSITIVITY
CONTROL
PDOR.0
PDDDR.0
PD0
ei3 INTERRUPT SOURCE
PORT D [7:6, 4, 1:0] INTERRUPTS
PD0
PD1
PD4
PD6
PD7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com