Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361 Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST72361
Description  8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST72361_07 Datasheet HTML 29Page - STMicroelectronics ST72361_07 Datasheet HTML 30Page - STMicroelectronics ST72361_07 Datasheet HTML 31Page - STMicroelectronics ST72361_07 Datasheet HTML 32Page - STMicroelectronics ST72361_07 Datasheet HTML 33Page - STMicroelectronics ST72361_07 Datasheet HTML 34Page - STMicroelectronics ST72361_07 Datasheet HTML 35Page - STMicroelectronics ST72361_07 Datasheet HTML 36Page - STMicroelectronics ST72361_07 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 224 page
background image
ST72361
33/224
INTERRUPTS (Cont’d)
Table 9. Interrupt Mapping
Notes:
1. Valid for HALT and ACTIVE HALT modes except for the MCC/RTC interrupt source which exits from ACTIVE HALT
mode only.
2. Except AVD interrupt
3. It is possible to exit from Halt using the external interrupt which is mapped on the RDI pin.
N°
Source
Block
Description
Register
Label
Priority
Order
Exit
from
HALT1)
Address
Vector
RESET
Reset
N/A
Highest
Priority
Lowest
Priority
yes
FFFEh-FFFFh
TRAP
Software interrupt
no
FFFCh-FFFDh
0
TLI
External top level interrupt
EICR
yes
FFFAh-FFFBh
1
MCC/RTC
Main clock controller time base interrupt
MCCSR
yes
FFF8h-FFF9h
2
ei0/AWUFH
External interrupt ei0/ Auto wake-up from Halt
EICR/
AWUCSR
yes2)
FFF6h-FFF7h
3
ei1/AVD
External interrupt ei1/Auxiliary Voltage Detector
EICR/
SICSR
FFF4h-FFF5h
4
ei2
External interrupt ei2
EICR
FFF2h-FFF3h
5
ei3
External interrupt ei3
EICR
FFF0h-FFF1h
6
not used
FFEEh-FFEFh
7
not used
FFECh-FFEDh
8
SPI
SPI peripheral interrupts
SPICSR
yes
FFEAh-FFEBh
9
TIMER8
8-bit TIMER peripheral interrupts
T8_TCR1
no
FFE8h-FFE9h
10
TIMER16
16-bit TIMER peripheral interrupts
TCR1
no
FFE6h-FFE7h
11
LINSCI2
LINSCI2 Peripheral interrupts
SCI2CR1
no
FFE4h-FFE5h
12
LINSCI1
LINSCI1 Peripheral interrupts (LIN Master/
Slave)
SCI1CR1
no3)
FFE2h-FFE3h
13
PWM ART
8-bit PWM ART interrupts
PWMCR
yes
FFE0h-FFE1h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com