Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361 Datasheet(PDF) 140 Page - STMicroelectronics

Part # ST72361
Description  8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361 Datasheet(HTML) 140 Page - STMicroelectronics

Back Button ST72361 Datasheet HTML 136Page - STMicroelectronics ST72361 Datasheet HTML 137Page - STMicroelectronics ST72361 Datasheet HTML 138Page - STMicroelectronics ST72361 Datasheet HTML 139Page - STMicroelectronics ST72361 Datasheet HTML 140Page - STMicroelectronics ST72361 Datasheet HTML 141Page - STMicroelectronics ST72361 Datasheet HTML 142Page - STMicroelectronics ST72361 Datasheet HTML 143Page - STMicroelectronics ST72361 Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 224 page
background image
ST72361
140/224
LINSCI
™ SERIAL COMMUNICATION INTERFACE (LIN Mode) (cont’d)
If LHE bit is set due to this error during Fields other
than LIN Synch Field or if LASE bit is reset then
the current received Header is discarded and the
SCI searches for a new Break Field.
Note on LIN Header Time-out Limit
According to the LIN specification, the maximum
length of a LIN Header which does not cause a
timeout
is
equal
to
1.4 * (34 + 1) = 49
TBIT_MASTER.
TBIT_MASTER refers to the master baud rate.
When checking this timeout, the slave node is de-
synchronized for the reception of the LIN Break
and Synch fields. Consequently, a margin must be
allowed, taking into account the worst case: This
occurs when the LIN identifier lasts exactly 10
TBIT_MASTER periods. In this case, the LIN Break
and Synch fields last 49 - 10 = 39TBIT_MASTER pe-
riods.
Assuming the slave measures these first 39 bits
with a desynchronized clock of 15.5%. This leads
to a maximum allowed Header Length of:
39 x (1/0.845) TBIT_MASTER + 10TBIT_MASTER
= 56.15 TBIT_SLAVE
A margin is provided so that the time-out occurs
when the header length is greater than 57
TBIT_SLAVE periods. If it is less than or equal to 57
TBIT_SLAVE periods, then no timeout occurs.
LIN Header Length
Even if no timeout occurs on the LIN Header, it is
possible to have access to the effective LIN head-
er Length (THEADER) through the LHL register.
This allows monitoring at software level the
TFRAME_MAX condition given by the LIN protocol.
This feature is only available when LHDM bit = 1
or when LASE bit = 1.
Mute Mode and Errors
In mute mode when LHDM bit = 1, if an LHE error
occurs during the analysis of the LIN Synch Field
or if a LIN Header Time-out occurs then the LHE
bit is set but it does not wake up from mute mode.
In this case, the current header analysis is discard-
ed. If needed, the software has to reset LSF bit.
Then the SCI searches for a new LIN header.
In mute mode, if a framing error occurs on a data
(which is not a break), it is discarded and the FE bit
is not set.
When LHDM bit = 1, any LIN header which re-
spects the following conditions causes a wake-up
from mute mode:
- A valid LIN Break Field (at least 11 dominant bits
followed by a recessive bit)
- A valid LIN Synch Field (without deviation error)
- A LIN Identifier Field without framing error. Note
that a LIN parity error on the LIN Identifier Field
does not prevent wake-up from mute mode.
- No LIN Header Time-out should occur during
Header reception.
Figure 83. LIN Synch Field Measurement
LIN Synch Break
Extra
‘1’
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
Start
Bit
Stop
Bit
Next
Start
Bit
LIN Synch Field
Measurement = 8.TBR = SM.TCPU
LPR(n)
LPR(n+1)
LPR = TBR / (16.TCPU) = Rounding (SM / 128)
TCPU = CPU period
TBR = Baud Rate period
TBR
TBR = 16.LP.TCPU
SM = Synch Measurement Register (15 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com