Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361 Datasheet(PDF) 144 Page - STMicroelectronics

Part # ST72361
Description  8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361 Datasheet(HTML) 144 Page - STMicroelectronics

Back Button ST72361 Datasheet HTML 140Page - STMicroelectronics ST72361 Datasheet HTML 141Page - STMicroelectronics ST72361 Datasheet HTML 142Page - STMicroelectronics ST72361 Datasheet HTML 143Page - STMicroelectronics ST72361 Datasheet HTML 144Page - STMicroelectronics ST72361 Datasheet HTML 145Page - STMicroelectronics ST72361 Datasheet HTML 146Page - STMicroelectronics ST72361 Datasheet HTML 147Page - STMicroelectronics ST72361 Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 224 page
background image
ST72361
144/224
LINSCI
™ SERIAL COMMUNICATION INTERFACE (LIN Mode) (cont’d)
10.7.9.9 Error due to LIN Synch measurement
The LIN Synch Field is measured over eight bit
times.
This measurement is performed using a counter
clocked by the CPU clock. The edge detections
are performed using the CPU clock cycle.
This leads to a precision of 2 CPU clock cycles for
the measurement which lasts 16*8*LDIV clock cy-
cles.
Consequently, this error (DMEAS) is equal to:
2 / (128*LDIVMIN).
LDIVMIN corresponds to the minimum LIN prescal-
er content, leading to the maximum baud rate, tak-
ing into account the maximum deviation of +/-15%.
10.7.9.10 Error due to Baud Rate Quantization
The baud rate can be adjusted in steps of 1 / (16 *
LDIV). The worst case occurs when the “real”
baud rate is in the middle of the step.
This leads to a quantization error (DQUANT) equal
to 1 / (2*16*LDIVMIN).
10.7.9.11
Impact
of
Clock
Deviation
on
Maximum Baud Rate
The choice of the nominal baud rate (LDIVNOM)
will influence both the quantization error (DQUANT)
and the measurement error (DMEAS). The worst
case occurs for LDIVMIN.
Consequently, at a given CPU frequency, the
maximum possible nominal baud rate (LPRMIN)
should be chosen with respect to the maximum tol-
erated deviation given by the equation:
DTRA + 2 / (128*LDIVMIN) + 1 / (2*16*LDIVMIN)
+ DREC + DTCL < 3.75%
Example:
A nominal baud rate of 20Kbits/s at TCPU = 125ns
(8 MHz) leads to LDIVNOM = 25d.
LDIVMIN = 25 - 0.15*25 = 21.25
DMEAS = 2 / (128*LDIVMIN) * 100 = 0.00073%
DQUANT = 1 / (2*16*LDIVMIN) * 100 = 0.0015%
LIN Slave systems
For LIN Slave systems (the LINE and LSLV bits
are set), receivers wake up by LIN Synch Break or
LIN Identifier detection (depending on the LHDM
bit).
Hot Plugging Feature for LIN Slave Nodes
In LIN Slave Mute Mode (the LINE, LSLV and
RWU bits are set) it is possible to hot plug to a net-
work during an ongoing communication flow. In
this case the SCI monitors the bus on the RDI line
until 11 consecutive dominant bits have been de-
tected and discards all the other bits received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com