Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361 Datasheet(PDF) 148 Page - STMicroelectronics

Part # ST72361
Description  8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361 Datasheet(HTML) 148 Page - STMicroelectronics

Back Button ST72361 Datasheet HTML 144Page - STMicroelectronics ST72361 Datasheet HTML 145Page - STMicroelectronics ST72361 Datasheet HTML 146Page - STMicroelectronics ST72361 Datasheet HTML 147Page - STMicroelectronics ST72361 Datasheet HTML 148Page - STMicroelectronics ST72361 Datasheet HTML 149Page - STMicroelectronics ST72361 Datasheet HTML 150Page - STMicroelectronics ST72361 Datasheet HTML 151Page - STMicroelectronics ST72361 Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 224 page
background image
ST72361
148/224
LINSCI
™ SERIAL COMMUNICATION INTERFACE (LIN Mode) (cont’d)
LIN PRESCALER FRACTION REGISTER
(LPFR)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:4 = Reserved.
Bits 3:0 = LPFR[3:0] Fraction of LDIV
These 4 bits define the fraction of the LIN Divider
(LDIV):
1. When initializing LDIV, the LPFR register must
be written first. Then, the write to the LPR register
will effectively update LDIV and so the clock gen-
eration.
2. In LIN Slave mode, if the LPR[7:0] register is
equal to 00h, the transceiver and receiver input
clocks are switched off.
Examples of LDIV coding:
Example 1: LPR = 27d and LPFR = 12d
This leads to:
Mantissa (LDIV) = 27d
Fraction (LDIV) = 12/16 = 0.75d
Therefore LDIV = 27.75d
Example 2: LDIV = 25.62d
This leads to:
LPFR = rounded(16*0.62d)
= rounded(9.92d) = 10d = Ah
LPR = mantissa (25.620d) = 25d = 1Bh
Example 3: LDIV = 25.99d
This leads to:
LPFR = rounded(16*0.99d)
= rounded(15.84d) = 16d
7
0
0
0
0
0
LPFR
3
LPFR
2
LPFR
1
LPFR
0
LPFR[3:0]
Fraction (LDIV)
0h
0
1h
1/16
...
...
Eh
14/16
Fh
15/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com