Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361 Datasheet(PDF) 191 Page - STMicroelectronics

Part # ST72361
Description  8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361 Datasheet(HTML) 191 Page - STMicroelectronics

Back Button ST72361 Datasheet HTML 187Page - STMicroelectronics ST72361 Datasheet HTML 188Page - STMicroelectronics ST72361 Datasheet HTML 189Page - STMicroelectronics ST72361 Datasheet HTML 190Page - STMicroelectronics ST72361 Datasheet HTML 191Page - STMicroelectronics ST72361 Datasheet HTML 192Page - STMicroelectronics ST72361 Datasheet HTML 193Page - STMicroelectronics ST72361 Datasheet HTML 194Page - STMicroelectronics ST72361 Datasheet HTML 195Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 224 page
background image
ST72361
191/224
EMC CHARACTERISTICS (Cont’d)
12.8.2 Electro Magnetic Interference (EMI)
Based on a simple application running on the
product (toggling two LEDs through the I/O ports),
the product is monitored in terms of emission. This
emission test is in line with the norm SAE J 1752/
3 which specifies the board and the loading of
each pin.
Notes:
1. Not tested in production.
Symbol
Parameter
Conditions
Monitored
Frequency Band
Max vs. [fOSC/fCPU]
Unit
8/4 MHz
16/8 MHz
SEMI
Peak level1)
Flash devices: VDD = 5V, TA = +25°C,
LQFP44 package
conforming to SAE J 1752/3
0.1 MHz to 30 MHz
10
13
dB
µV
30 MHz to 130 MHz
12
19
130 MHz to 1 GHz
8
14
SAE EMI Level
2.5
3
-
Flash devices: VDD = 5V, TA = +25°C,
LQFP64 package
conforming to SAE J 1752/3
0.1 MHz to 30 MHz
31
32
dB
µV
30 MHz to 130 MHz
32
37
130 MHz to 1 GHz
11
16
SAE EMI Level
3.0
3.5
-
ROM devices: VDD = 5V, TA = +25°C,
LQFP64 package
conforming to SAE J 1752/3
0.1 MHz to 30 MHz
10
18
dB
µV
30 MHz to 130 MHz
15
25
130 MHz to 1 GHz
-3
1
SAE EMI Level
2.0
2.5
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com