Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361 Datasheet(PDF) 193 Page - STMicroelectronics

Part # ST72361
Description  8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361 Datasheet(HTML) 193 Page - STMicroelectronics

Back Button ST72361 Datasheet HTML 189Page - STMicroelectronics ST72361 Datasheet HTML 190Page - STMicroelectronics ST72361 Datasheet HTML 191Page - STMicroelectronics ST72361 Datasheet HTML 192Page - STMicroelectronics ST72361 Datasheet HTML 193Page - STMicroelectronics ST72361 Datasheet HTML 194Page - STMicroelectronics ST72361 Datasheet HTML 195Page - STMicroelectronics ST72361 Datasheet HTML 196Page - STMicroelectronics ST72361 Datasheet HTML 197Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 224 page
background image
ST72361
193/224
12.9 I/O PORT PIN CHARACTERISTICS
12.9.1 General Characteristics
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
Notes:
1. Data based on characterization results, not tested in production.
2. Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested.
3. When the current limitation is not possible, the VIN absolute maximum rating must be respected, otherwise refer to
IINJ(PIN) specification. A positive injection is induced by VIN > VDD while a negative injection is induced by VIN < VSS. Refer
to Section 12.2 on page 179 for more details.
4. Leakage could be higher than max. if negative current is injected on adjacent pins.
5. Configuration not recommended, all unused pins must be kept at a fixed voltage: Using the output mode of the I/O, for
example, or an external pull-up or pull-down resistor (see Figure 103). Data based on design simulation and/or technol-
ogy characteristics, not tested in production.
6. The RPU pull-up equivalent resistor is based on a resistive transistor (corresponding IPU current characteristics de-
scribed in Figure 104).
7. To generate an external interrupt, a minimum pulse width must be applied on an I/O port pin configured as an external
interrupt source.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage1)
CMOS ports
0.3 x VDD
V
VIH
Input high level voltage1)
0.7 x VDD
Vhys
Schmitt trigger voltage hysteresis2)
1
VIL
Input low level voltage1)
TTL ports
0.8
VIH
Input high level voltage1)
2
Vhys
Schmitt trigger voltage hysteresis2)
400
mV
IINJ(PIN)
Injected Current on PB3
VDD = 5V
Flash devices
0
+4
mA
ROM devices
±4
Injected Current on any other I/O pin
±4
ΣIINJ(PIN)3)
Total injected current (sum of all I/O
and control pins)7)
±25
Ilkg
Input leakage current on robust pins See “10-BIT ADC CHARACTERISTICS” on page 204
Input leakage current4)
VSS ≤ VIN ≤ VDD
±1
µA
IS
Static current consumption5)
Floating input mode
200
RPU
Weak pull-up equivalent resistor6)
VIN = VSS VDD = 5V
50
90
250
k
Ω
CIO
I/O pin capacitance
5
pF
tf(IO)out
Output high to low level fall time
CL = 50pF
Between 10% and 90%
25
ns
tr(IO)out
Output low to high level rise time
tw(IT)in
External interrupt pulse time7)
1
tCPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com