Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361 Datasheet(PDF) 202 Page - STMicroelectronics

Part # ST72361
Description  8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361 Datasheet(HTML) 202 Page - STMicroelectronics

Back Button ST72361 Datasheet HTML 198Page - STMicroelectronics ST72361 Datasheet HTML 199Page - STMicroelectronics ST72361 Datasheet HTML 200Page - STMicroelectronics ST72361 Datasheet HTML 201Page - STMicroelectronics ST72361 Datasheet HTML 202Page - STMicroelectronics ST72361 Datasheet HTML 203Page - STMicroelectronics ST72361 Datasheet HTML 204Page - STMicroelectronics ST72361 Datasheet HTML 205Page - STMicroelectronics ST72361 Datasheet HTML 206Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 224 page
background image
ST72361
202/224
12.12 COMMUNICATION INTERFACE CHARACTERISTICS
12.12.1 SPI - Serial Peripheral Interface
Subject to general operating conditions for VDD,
fOSC, and TA unless otherwise specified.
Refer to I/O port characteristics for more details on
the input/output alternate function characteristics
(SS, SCK, MOSI, MISO).
Figure 116. SPI Slave Timing Diagram with CPHA = 03)
Notes:
1. Data based on design simulation and/or characterization results, not tested in production.
2. When no communication is on-going the data output line of the SPI (MOSI in master mode, MISO in slave mode) has
its alternate function capability released. In this case, the pin status depends on the I/O port configuration.
3. Measurement points are done at CMOS levels: 0.3 x VDD and 0.7 x VDD.
4. Depends on fCPU. For example, if fCPU = 8 MHz, then TCPU = 1 / fCPU = 125ns and tsu(SS) = 550ns.
Symbol
Parameter
Conditions
Min
Max
Unit
fSCK = 1 / tc(SCK) SPI clock frequency
Master, fCPU = 8 MHz
fCPU / 128 = 0.0625 fCPU / 4 = 2
MHz
Slave, fCPU = 8 MHz
0
fCPU / 2 = 4
tr(SCK)
SPI clock rise and fall time
See I/O port pin description
tf(SCK)
tsu(SS)
1)
SS setup time4)
Slave
(4 x TCPU) + 50
ns
th(SS)
1)
SS hold time
120
tw(SCKH)
1)
SCK high and low time
Master
100
tw(SCKL)
1)
Slave
90
tsu(MI)
1)
Data input setup time
Master
100
tsu(SI)
1)
Slave
th(MI)
1)
Data input hold time
Master
th(SI)
1)
Slave
ta(SO)
1)
Data output access time
Slave
0
120
tdis(SO)
1)
Data output disable time
240
tv(SO)
1)
Data output valid time
Slave (after enable edge)
90
th(SO)
1)
Data output hold time
0
tv(MO)
1)
Data output valid time
Master (after enable edge)
120
th(MO)
1)
Data output hold time
0
SS INPUT
CPHA = 0
MOSI INPUT
MISO OUTPUT
CPHA = 0
tc(SCK)
tw(SCKH)
tw(SCKL)
tr(SCK)
tf(SCK)
tv(SO)
ta(SO)
tsu(SI)
th(SI)
MSB OUT
MSB IN
BIT6 OUT
LSB IN
LSB OUT
Seenote2
CPOL = 0
CPOL = 1
tsu(SS)
th(SS)
tdis(SO)
th(SO)
See
note 2
BIT1 IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com