Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361 Datasheet(PDF) 204 Page - STMicroelectronics

Part # ST72361
Description  8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361 Datasheet(HTML) 204 Page - STMicroelectronics

Back Button ST72361 Datasheet HTML 200Page - STMicroelectronics ST72361 Datasheet HTML 201Page - STMicroelectronics ST72361 Datasheet HTML 202Page - STMicroelectronics ST72361 Datasheet HTML 203Page - STMicroelectronics ST72361 Datasheet HTML 204Page - STMicroelectronics ST72361 Datasheet HTML 205Page - STMicroelectronics ST72361 Datasheet HTML 206Page - STMicroelectronics ST72361 Datasheet HTML 207Page - STMicroelectronics ST72361 Datasheet HTML 208Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 224 page
background image
ST72361
204/224
COMMUNICATIONS INTERFACE CHARACTERISTICS (Cont’d)
12.13 10-BIT ADC CHARACTERISTICS
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
Notes:
1. Data based on characterization results, not tested in production.
2. When VDDA and VSSA pins are not available on the pinout, the ADC refers to VDD and VSS.
Symbol
Parameter
Conditions
Min1)
Typ
Max1)
Unit
fADC
ADC clock frequency
0.4
4
MHz
VAIN
Conversion voltage range2)
VSSA
VDDA
V
RAIN
External input impedance
see Figure
119 and
Figure
120
k
Ω
CAIN
External capacitor on analog input
pF
fAIN
Variation frequency of analog input
signal
Hz
Ilkg
Negative input leakage current on ro-
bust analog pins (refer to Table 2 on
page 8)
VIN < VSS, | IIN | < 400µA on
adjacent robust analog pin
5
6
µA
CADC
Internal sample and hold capacitor
6
pF
tCONV
Conversion time
fADC = 4 MHz
3.5
µs
14
1/fADC
IADC
Analog part
Sunk on VDDA
2)
3.6
mA
Digital part
Sunk on VDD
0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com