Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361 Datasheet(PDF) 211 Page - STMicroelectronics

Part # ST72361
Description  8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361 Datasheet(HTML) 211 Page - STMicroelectronics

Back Button ST72361 Datasheet HTML 207Page - STMicroelectronics ST72361 Datasheet HTML 208Page - STMicroelectronics ST72361 Datasheet HTML 209Page - STMicroelectronics ST72361 Datasheet HTML 210Page - STMicroelectronics ST72361 Datasheet HTML 211Page - STMicroelectronics ST72361 Datasheet HTML 212Page - STMicroelectronics ST72361 Datasheet HTML 213Page - STMicroelectronics ST72361 Datasheet HTML 214Page - STMicroelectronics ST72361 Datasheet HTML 215Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 224 page
background image
ST72361
211/224
FLASH OPTION BYTES (Cont’d)
OPT2:1 = PKG[1:0] Package selection
These option bits select the device package.
Note: Pads that are not bonded to external pins
are in input pull-up configuration when the pack-
age selection option bits have been properly pro-
grammed. The configuration of these pads must
be kept in reset state to avoid added current con-
sumption.
OPT0 = FMP_R Flash memory read-out protec-
tion
Read-out protection, when selected provides a
protection against program memory content ex-
traction and against write access to Flash memo-
ry. Erasing the option bytes when the FMP_R op-
tion is selected causes the whole user memory to
be erased first, and the device can be repro-
grammed. Refer to Section 4.3.1 and the ST7
Flash Programming Reference Manual for more
details.
0: Read-out protection enabled
1: Read-out protection disabled
OPTION BYTE 1
OPT7:6 = AFI_MAP[1:0] AFI Mapping
These option bits allow the mapping of some of the
Alternate Functions to be changed.
OPT5:4 = OSCTYPE[1:0] Oscillator Type
These option bits select the ST7 main clock
source type.
OPT3:2 = OSCRANGE[1:0] Oscillator range
If the resonator oscillator type is selected, these
option bits select the resonator oscillator. This se-
lection corresponds to the frequency range of the
resonator used. If external source is selected with
the OSCTYPE option, then the OSCRANGE op-
tion must be selected with the corresponding
range.
OPT1 = Reserved
OPT0 = RSTC RESET clock cycle selection
This option bit selects the number of CPU cycles
inserted during the RESET phase and when exit-
ing HALT mode. For resonator oscillators, it is ad-
vised to select 4096 due to the long crystal stabili-
zation time.
0: Reset phase with 4096 CPU cycles
1: Reset phase with 256 CPU cycles
Selected Package
PKG
1
0
LQFP 64
1
x
LQFP 44
0
1
LQFP 32
0
0
AFI Mapping 1
AFI_MAP(1)
T16_OCMP1 on PD3
T16_OCMP2 on PD5
T16_ICAP1 on PD4
LINSCI2_SCK not available
LINSCI2_TDO not available
LINSCI2_RDI not available
0
T16_OCMP1 on PB6
T16_OCMP2 on PB7
T16_ICAP1 on PC0
LINSCI2_SCK on PD3
LINSCI2_TDO on PD5
LINSCI2_RDI on PD4
1
AFI Mapping 0
AFI_MAP(0)
T16_ICAP2 is mapped on PD1
0
T16_ICAP2 is mapped on PC1
1
Clock Source
OSCTYPE
1
0
Resonator Oscillator
0
0
Reserved
0
1
Reserved internal clock source
(used only in ICC mode)
1
0
External Source
1
1
Typ. Freq. Range
OSCRANGE
1
0
LP
1~2 MHz
0
0
MP
2~4 MHz
0
1
MS
4~8 MHz
1
0
HS
8~16 MHz
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com