Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361 Datasheet(PDF) 213 Page - STMicroelectronics

Part # ST72361
Description  8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361 Datasheet(HTML) 213 Page - STMicroelectronics

Back Button ST72361 Datasheet HTML 209Page - STMicroelectronics ST72361 Datasheet HTML 210Page - STMicroelectronics ST72361 Datasheet HTML 211Page - STMicroelectronics ST72361 Datasheet HTML 212Page - STMicroelectronics ST72361 Datasheet HTML 213Page - STMicroelectronics ST72361 Datasheet HTML 214Page - STMicroelectronics ST72361 Datasheet HTML 215Page - STMicroelectronics ST72361 Datasheet HTML 216Page - STMicroelectronics ST72361 Datasheet HTML 217Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 224 page
background image
ST72361
213/224
TRANSFER OF CUSTOMER CODE (cont’d)
Figure 127. ROM Commercial Product Code Structure
Table 36. ROM Factory Coded Device Types
DEVICE PACKAGE VERSION
XXX
/
E = leadfree (ECOPACKTM option)
Conditioning options:
TR = Tape and Reel (left blank if Tray)
Code name (defined by STMicroelectronics)
6 = -40 to +85 °C
3 = -40 to +125 °C
T= Low Profile Quad Flat Pack
ST72361
TR E
Part Number
Package
Memory
(Kbytes)
RAM
(Kbytes)
Temp Range
ST72361AR6T6
LQFP64 10x10
32
1.5
-40 to +85°C
ST72361AR7T6
48
2
ST72361AR9T6
60
2
ST72361J6T6
LQFP44 10x10
32
1.5
ST72361J7T6
48
2
ST72361J9T6
60
2
ST72361K6T6
LQFP32 7x7
32
1.5
ST72361K7T6
48
2
ST72361K9T6
60
2
ST72361AR6T3
LQFP64 10x10
32
1.5
-40 to +125°C
ST72361AR7T3
48
2
ST72361AR9T3
60
2
ST72361J6T3
LQFP44 10x10
32
1.5
ST72361J7T3
48
2
ST72361J9T3
60
2
ST72361K6T3
LQFP32 7x7
32
1.5
ST72361K7T3
48
2
ST72361K9T3
60
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com