Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361 Datasheet(PDF) 216 Page - STMicroelectronics

Part # ST72361
Description  8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361 Datasheet(HTML) 216 Page - STMicroelectronics

Back Button ST72361 Datasheet HTML 212Page - STMicroelectronics ST72361 Datasheet HTML 213Page - STMicroelectronics ST72361 Datasheet HTML 214Page - STMicroelectronics ST72361 Datasheet HTML 215Page - STMicroelectronics ST72361 Datasheet HTML 216Page - STMicroelectronics ST72361 Datasheet HTML 217Page - STMicroelectronics ST72361 Datasheet HTML 218Page - STMicroelectronics ST72361 Datasheet HTML 219Page - STMicroelectronics ST72361 Datasheet HTML 220Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 224 page
background image
ST72361
216/224
TRANSFER OF CUSTOMER CODE (Cont’d)
ST72361 MICROCONTROLLER OPTION LIST
(Last update: September 2006)
Customer
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Address
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Contact
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phone No
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference/ROM Code* . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
*The ROM/FASTROM code name is assigned by STMicroelectronics.
ROM/FASTROM code must be sent in .S19 format. .Hex extension cannot be processed.
Device Type/Memory Size/Package (check only one option)
Conditioning:
[ ] Tray
[ ] Tape & Reel
Special Marking:
[ ] No
[ ] Yes "_ _ _ _ _ _ _ _ _ _ " (10 char. max)
Authorized characters are letters, digits, '.', '-', '/' and spaces only.
Temp. Range. Please refer to datasheet for specific sales conditions:
Clock Source Selection:
[ ] Resonator:
[ ] External Source
Oscillator/External source range:
[ ] LP: Low power (1 to 2 MHz)
[ ] MP: Medium power (2 to 4 MHz)
[ ] MS: Medium speed (4 to 8 MHz)
[ ] HS: High speed (8 to 16 MHz)
LVD
[ ] Disabled
[ ] Enabled
PLL1
[ ] Disabled
[ ] Enabled
Watchdog Selection
[ ] Software Activation
[ ] Hardware Activation
Watchdog Reset on Halt
[ ] Reset
[ ] No Reset
Read-out Protection
[ ] Disabled
[ ] Enabled
Reset Delay
[ ] 256 Cycles
[ ] 4096 Cycles
LINSCI2 Mapping
[ ] Not available (AFIMAP[1] = 0)
[ ] Mapped (AFIMAP[1] = 1)
T16_ICAP2 Mapping
[ ] On PD1 (AFIMAP[0] = 0)
[ ] On PC1 (AFIMAP[0] = 1)
Comments:
Supply Operating Range in the application: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signature
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Date
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1 If PLL is enabled, medium power (2 to 4 MHz range) has to be selected (MP)
Please download the latest version of this option list from:
http://www.st.com
ROM:
|
|
-----------------------
Package
-----------------------
|
|
-------------------------
60K
-------------------------
|
|
-------------------------
48K
-------------------------
|
|
------------------------
32K
------------------------
|
|
------------------------
------------------------
|
|
| LQFP64 10x10: | [ ] ST72361AR9
| [ ] ST72361AR7
| [ ] ST72361AR6
|
|
| LQFP44:
| [ ] ST72361J9
| [ ] ST72361J7
| [ ] ST72361J6
|
|
| LQFP32:
| [ ] ST72361K9
| [ ] ST72361K7
| [ ] ST72361K6
|
|
FASTROM:
|
|
-----------------------
Package
-----------------------
|
|
-------------------------
60K
-------------------------
|
|
-------------------------
48K
-------------------------
|
|
------------------------
32K
------------------------
|
|
------------------------
------------------------
|
|
| LQFP64 10x10: | [ ] ST72P361AR9 | [ ] ST72P361AR7 | [ ] ST72P361AR6 |
|
| LQFP44:
| [ ] ST72P361J9
| [ ] ST72P361J7
| [ ] ST72P361J6
|
|
| LQFP32:
| [ ] ST72P361K9
| [ ] ST72P361K7
| [ ] ST72P361K6
|
|
-
||
---------------------------------------
Temp. Range
---------------------------------------
[ ]
|
-40°C to +85°C
[ ]
|
-40°C to +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com