Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361 Datasheet(PDF) 220 Page - STMicroelectronics

Part # ST72361
Description  8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361 Datasheet(HTML) 220 Page - STMicroelectronics

Back Button ST72361 Datasheet HTML 216Page - STMicroelectronics ST72361 Datasheet HTML 217Page - STMicroelectronics ST72361 Datasheet HTML 218Page - STMicroelectronics ST72361 Datasheet HTML 219Page - STMicroelectronics ST72361 Datasheet HTML 220Page - STMicroelectronics ST72361 Datasheet HTML 221Page - STMicroelectronics ST72361 Datasheet HTML 222Page - STMicroelectronics ST72361 Datasheet HTML 223Page - STMicroelectronics ST72361 Datasheet HTML 224Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 220 / 224 page
background image
ST72361
220/224
IMPORTANT NOTES (Cont’d)
16.1.5 Header Time-out Does Not Prevent
Wake-up from Mute Mode
Normally, when LINSCI is configured in LIN slave
mode, if a header time-out occurs during a LIN
header reception (that is, header length > 57 bits),
the LIN Header Error bit (LHE) is set, an interrupt
occurs to inform the application but the LINSCI
should stay in mute mode, waiting for the next
header reception.
Problem Description
The LINSCI sampling period is Tbit / 16. If a LIN
Header time-out occurs between the 9th and the
15th sample of the Identifier Field Stop Bit (refer to
Figure 130), the LINSCI wakes up from mute
mode. Nevertheless, LHE is set and LIN Header
Detection Flag (LHDF) is kept cleared.
In addition, if LHE is reset by software before this
15th sample (by accessing the SCISR register and
reading the SCIDR register in the LINSCI interrupt
routine), the LINSCI will generate another LINSCI
interrupt (due to the RDRF flag setting).
Impact on application
Software may execute the interrupt routine twice
after header reception.
Moreover, in reception mode, as the receiver is no
longer in mute mode, an interrupt will be generat-
ed on each data byte reception.
Workaround
The problem can be detected in the LINSCI inter-
rupt routine. In case of timeout error (LHE is set
and LHLR is loaded with 00h), the software can
check the RWU bit in the SCICR2 register. If RWU
is cleared, it can be set by software. Refer to Fig-
ure 131 on page 221. Workaround is shown in
bold characters.
Figure 130. Header Reception Event Sequence
LIN Synch
LIN Synch
Identifier
Field
Field
Break
THEADER
Active mode is set
RDRF flag is set
Critical
Window
ID field STOP bit
(RWU is cleared)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com