Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB20NM50 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB20NM50
Description  N-channel 500V - 0.20Ω - 20A - TO220/FP-D2PAK-I2PAK MDmesh??Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB20NM50 Datasheet(HTML) 1 Page - STMicroelectronics

  STB20NM50 Datasheet HTML 1Page - STMicroelectronics STB20NM50 Datasheet HTML 2Page - STMicroelectronics STB20NM50 Datasheet HTML 3Page - STMicroelectronics STB20NM50 Datasheet HTML 4Page - STMicroelectronics STB20NM50 Datasheet HTML 5Page - STMicroelectronics STB20NM50 Datasheet HTML 6Page - STMicroelectronics STB20NM50 Datasheet HTML 7Page - STMicroelectronics STB20NM50 Datasheet HTML 8Page - STMicroelectronics STB20NM50 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
January 2007
Rev 13
1/14
14
STB20NM50 - STB20NM50-1
STP20NM50 - STP20NM50FP
N-channel 500V - 0.20
Ω - 20A - TO220/FP-D2PAK-I2PAK
MDmesh™ Power MOSFET
General features
■ High dv/dt and avalanche capabilities
■ 100% avalanche tested
■ Low input capacitance and gate charge
■ Low gate input resistance
Description
The MDmesh™ is a new revolutionary Power
MOSFET technology that associates the Multiple
Drain process with the Company’s
PowerMESH™horizontal layout. The resulting
product has an outstanding low on-resistance,
impressively high dv/dt and excellent avalanche
characteristics and dynamic performances.
Applications
■ Switching applications
Internal schematic diagram
Type
VDSS
(@TJmax)
RDS(on)
ID
STB20NM50
550V
< 0.25
Ω
20A
STB20NM50-1
550V
< 0.25
Ω
20A
STP20NM50
550V
< 0.25
Ω
20A
STP20NM50FP
550V
< 0.25
Ω
20A
TO-220
TO-220FP
1
2
3
1
2
3
1
2
3
1
3
I²PAK
D²PAK
www.st.com
Order codes
Part number
Marking
Package
Packaging
STB20NM50
B20NM50
D²PAK
Tape & reel
STB20NM50-1
B20NM50-1
I²PAK
Tube
STP20NM50
P20NM50
TO-220
Tube
STP20NM50FP
P20NM50FP
TO-220FP
Tube


Similar Part No. - STB20NM50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB20NM50 STMICROELECTRONICS-STB20NM50 Datasheet
532Kb / 16P
N-CHANNEL 500V - 0.20ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
05-Sep-2005
logo
Inchange Semiconductor ...
STB20NM50 ISC-STB20NM50 Datasheet
296Kb / 2P
isc N-Channel Mosfet Transistor
logo
STMicroelectronics
STB20NM50-1 STMICROELECTRONICS-STB20NM50-1 Datasheet
532Kb / 16P
N-CHANNEL 500V - 0.20ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
05-Sep-2005
logo
Inchange Semiconductor ...
STB20NM50-1 ISC-STB20NM50-1 Datasheet
341Kb / 2P
isc N-Channel Mosfet Transistor
logo
STMicroelectronics
STB20NM50FD STMICROELECTRONICS-STB20NM50FD Datasheet
287Kb / 7P
N-CHANNEL 500V - 0.20ohm - 20A D2PAK FDmesh™ Power MOSFET With FAST DIODE
Nov-2001
More results

Similar Description - STB20NM50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB10NC50-1 STMICROELECTRONICS-STB10NC50-1 Datasheet
55Kb / 7P
N - CHANNEL 500V - 0.48ohm - 10A - I2PAK/D2PAK PowerMESH] MOSFET
Dec-1999
STB4NB50 STMICROELECTRONICS-STB4NB50 Datasheet
64Kb / 6P
N - CHANNEL 500V - 2.5ohm - 3.8A - D2PAK/I2PAK PowerMESHO MOSFET
Oct-1998
STP20NM50 STMICROELECTRONICS-STP20NM50 Datasheet
532Kb / 16P
N-CHANNEL 500V - 0.20ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
05-Sep-2005
STP20NM60 STMICROELECTRONICS-STP20NM60 Datasheet
355Kb / 15P
N-CHANNEL 600V - 0.25ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
17-Feb-2005
STP22NM50 STMICROELECTRONICS-STP22NM50 Datasheet
356Kb / 10P
N-CHANNEL 500V - 0.16ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh™ Power MOSFET
Jan-2003
STP5NC50 STMICROELECTRONICS-STP5NC50 Datasheet
534Kb / 12P
N-CHANNEL 500V - 1.3ohm - 5.5A TO-220/FP/D2PAK/I2PAK PowerMesh™ I MOSFET
Dec-2002
STP11NM60 STMICROELECTRONICS-STP11NM60_07 Datasheet
364Kb / 16P
N-channel 650V TJmax - 0.4OHM - 11A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
12-Jan-2007
STB20NM60-1 STMICROELECTRONICS-STB20NM60-1 Datasheet
440Kb / 18P
N-channel 600V - 0.25Ω - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
27-Aug-2007
STB9NK50ZT4 STMICROELECTRONICS-STB9NK50ZT4 Datasheet
371Kb / 13P
N-CHANNEL 500V - 7.2A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH MOSFET
Jun-2004
STW20NM50 STMICROELECTRONICS-STW20NM50_V01 Datasheet
182Kb / 8P
N-CHANNEL 550V @ Tjmax - 0.20Ω - 20A TO-247 MDmesh™ MOSFET
Feb-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com