Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB20NM50 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STB20NM50
Description  N-channel 500V - 0.20Ω - 20A - TO220/FP-D2PAK-I2PAK MDmesh??Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB20NM50 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STB20NM50 Datasheet HTML 6Page - STMicroelectronics STB20NM50 Datasheet HTML 7Page - STMicroelectronics STB20NM50 Datasheet HTML 8Page - STMicroelectronics STB20NM50 Datasheet HTML 9Page - STMicroelectronics STB20NM50 Datasheet HTML 10Page - STMicroelectronics STB20NM50 Datasheet HTML 11Page - STMicroelectronics STB20NM50 Datasheet HTML 12Page - STMicroelectronics STB20NM50 Datasheet HTML 13Page - STMicroelectronics STB20NM50 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
STB20NM50 - STB20NM50-1 - STP20NM50 - STP20NM50FP
Revision history
13/14
5
Revision history
Table 8.
revision history
Date
Revision
Changes
09-Sep-2004
9
Final version
04-Sep-2006
10
The document has been reformatted
15-Dec-2006
11
Modified Table 7.: Source drain diode
08-Jan-2007
12
Modified value in order code
26-Jan-2007
13
Modified Table 6.: Switching times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com