Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB20NM50 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB20NM50
Description  N-channel 500V - 0.20Ω - 20A - TO220/FP-D2PAK-I2PAK MDmesh??Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB20NM50 Datasheet(HTML) 3 Page - STMicroelectronics

  STB20NM50 Datasheet HTML 1Page - STMicroelectronics STB20NM50 Datasheet HTML 2Page - STMicroelectronics STB20NM50 Datasheet HTML 3Page - STMicroelectronics STB20NM50 Datasheet HTML 4Page - STMicroelectronics STB20NM50 Datasheet HTML 5Page - STMicroelectronics STB20NM50 Datasheet HTML 6Page - STMicroelectronics STB20NM50 Datasheet HTML 7Page - STMicroelectronics STB20NM50 Datasheet HTML 8Page - STMicroelectronics STB20NM50 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STB20NM50 - STB20NM50-1 - STP20NM50 - STP20NM50FP
Electrical ratings
3/14
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
D²PAK / I²PAK
TO-220
TO-220FP
VDS
Drain source voltage
500
V
VGS
Gate-source voltage
± 30
V
ID
Drain current (continuous) at TC = 25°C
20
20 (1)
1.
Limited only by maximum temperature allowed
A
ID
Drain current (continuous) at TC = 100°C
12.6
12.6 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
80
80 (1)
A
PTOT
Total dissipation at TC = 25°C
192
45
W
Derating factor
1.54
0.36
W/°C
dv/dt (3)
3.
ISD < 20A, di/dt < 400A/µs, VDD < V(BR)DSS, TJ < TJMAX
Peak diode recovery voltage slope
15
V/ns
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t=1s;TC=25°C)
--
2500
V
Tj
Tstg
Operating junction temperature
Storage temperature
-65 to 150
°C
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
D²PAK / I²PAK
TO-220
TO-220FP
Rthj-case
Thermal resistance junction-case max
0.65
2.8
°C/W
Rthj-amb
Thermal resistance junction-amb max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C
Table 3.
Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj max)
10
A
EAS
Single pulse avalanche energy
(starting Tj=25°C, ID= 5A, VDD= 50V)
650
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com